công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC3486 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
MC3486 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
6 / 12 page MC3486 QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 3-STATE OUTPUTS SLLS097C – JUNE 1980 – REVISED FEBRUARY 2002 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION tPZH 3 V 1.5 V 0 V VOH 1.3 V Input Output tPZH SW1 to 1.5 V SW2 Open SW3 Closed SW3 Closed SW2 Closed SW1 to 1.5 V tPHZ tPHZ 1.3 V VOH 0 V 3 V 0.5 V SW3 Open SW2 Closed SW1 to – 1.5 V tPZL tPZL 0 V 1.5 V 3 V 0 V tPLZ tPLZ SW1 to – 1.5 V SW2 Closed SW3 Closed 4.5 V 1.5 V VOL 3 V 1.3 V 0.5 V VOL 1.5 V 1.5 V Input Output Input Output Input Output NOTES: A. The input pulse is supplied by a generator having the following characteristics: PRR ≤ 1 MHz, duty cycle = 50%, tr ≤ 6 ns, tf ≤ 6 ns. B. CL includes probe and stray capacitance. C. All diodes are 1N916 or equivalent. Generator (see Note A) 51 Ω – 1.5 V 1.5 V SW1 CL = 15 pF (see Note B) 5 k Ω See Note C SW3 SW2 5 V 2 k Ω Output TEST CIRCUIT Figure 3. Test Circuit and Voltage Waveforms |
Số phần tương tự - MC3486 |
|
Mô tả tương tự - MC3486 |