công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OPV380 bảng dữ liệu(PDF) 1 Page - OPTEK Technologies

tên linh kiện OPV380
Giải thích chi tiết về linh kiện  Vertical Cavity Surface Emitting Laser in Lateral Package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OPTEK [OPTEK Technologies]
Trang chủ  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPV380 bảng dữ liệu(HTML) 1 Page - OPTEK Technologies

  OPV380 Datasheet HTML 1Page - OPTEK Technologies OPV380 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
Non-contact position sensing
Photoelectric sensors
Optical encoders
Light curtains
Vertical Cavity Surface Emitting
Laser in Lateral Package
OPV380
850nm VCSEL technology
High thermal stability
Low drive current
High output power
Flat lens package
The OPV380 is a Vertical Cavity Surface Emitting Laser (VCSEL) packaged in a flat lens lateral package.
VCSELs offer many advantages in sensing applications when compared to infrared LEDs. These devices require
substantially lower drive currents to obtain the same amount of output power as LEDs. This feature allows
VCSELs to be used in low power consumption applications such as battery operated equipment.
The flat lens packaging allows the device to be used with secondary optics to create custom beam profiles. The
OPV380 is optically and spectrally compatible with Optek’s standard detector products such as the OP550 series
phototransistors, OP530 series photodarlingtons and the OP900 series photodiodes.
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
A subsidiary of
TT electronics plc
Additional laser safety information
can be found on the Optek website.
See application bulletin #221.
Classification is not marked on the
device due to space limitations. See
package outline for centerline of
optical radiance. Operating devices
beyond maximum rating may result
in hazardous radiation exposure.
1
2
VCSEL
Emission
Surface
Pb
RoHS


Số phần tương tự - OPV380

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
More results

Mô tả tương tự - OPV380

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OPTEK Technologies
OPV382 OPTEK-OPV382 Datasheet
188Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
TT Electronics.
OPV380 TTELEC-OPV380 Datasheet
762Kb / 4P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 TTELEC-OPV382 Datasheet
679Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Package
logo
OPTEK Technologies
OPV380 OPTEK-OPV380_14 Datasheet
182Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV382 OPTEK-OPV382_14 Datasheet
163Kb / 2P
   Vertical Cavity Surface Emitting Laser in Lateral Package
OPV280 OPTEK-OPV280 Datasheet
265Kb / 4P
   Vertical Cavity Surface Emitting Laser in Plastic Lateral Package
logo
TT Electronics.
OPV322 TTELEC-OPV322 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral Pill Package
OPV330 TTELEC-OPV330 Datasheet
723Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
OPV332 TTELEC-OPV332 Datasheet
707Kb / 3P
   Vertical Cavity Surface Emitting Laser in Lateral T-1 Package
logo
OPTEK Technologies
OPV220 OPTEK-OPV220 Datasheet
232Kb / 4P
   Vertical Cavity Surface Emitting Laser in Pill Package
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com