công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3304M bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện CA3304M
Giải thích chi tiết về linh kiện  4-Bit, 25 MSPS, Flash A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3304M bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  CA3304M Datasheet HTML 1Page - Intersil Corporation CA3304M Datasheet HTML 2Page - Intersil Corporation CA3304M Datasheet HTML 3Page - Intersil Corporation CA3304M Datasheet HTML 4Page - Intersil Corporation CA3304M Datasheet HTML 5Page - Intersil Corporation CA3304M Datasheet HTML 6Page - Intersil Corporation CA3304M Datasheet HTML 7Page - Intersil Corporation CA3304M Datasheet HTML 8Page - Intersil Corporation CA3304M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
November 2002
CA3304, CA3304A
4-Bit, 25 MSPS,
Flash A/D Converters
Features
• CMOS/SOS Low Power with Video Speed (Typ) . . 25mW
• Parallel Conversion Technique
• Single Power Supply Voltage . . . . . . . . . . . 3V to 7.5V
• 25MHz Sampling Rate (40ns Conversion Time) at 5V
Supply
• 4-Bit Latched Three-State Output with Overflow and
Data Change Outputs
1/8 LSB Maximum Nonlinearity (A Version)
• Inherent Resistance to Latch-Up Due to SOS Process
• Bipolar Input Range with Optional Second Supply
• Wide Input Bandwidth (Typ) . . . . . . . . . . . . . . . . 25MHz
Applications
• High Speed A/D Conversion
• Ultrasound Signature Analysis
• Transient Signal Analysis
• High Energy Physics Research
• General-Purpose Hybrid ADCs
• Optical Character Recognition
• Radar Pulse Analysis
• Motion Signature Analysis
• Robot Vision
• RSSI Circuits
Description
The Intersil CA3304 is a CMOS parallel (FLASH) analog-to-
digital converter designed for applications demanding both
low-power consumption and high speed digitization. Digitiz-
ing at 25MHz, for example, requires only about 35mW.
The CA3304 operates over a wide, full-scale signal input
voltage range of 0.5V up to the supply voltage. Power
consumption is as low as 10mW, depending upon the clock
frequency selected.
The intrinsic high conversion rate makes the CA3304 types
ideally suited for digitizing high speed signals. The overflow
bit makes possible the connection of two or more CA3304s
in series to increase the resolution of the conversion system.
A series connection of two CA3304s may be used to pro-
duce a 5-bit, 25MHz converter. Operation of two CA3304s in
parallel doubles the conversion speed (i.e., increases the
sampling rate from 25MHz to 50MHz). A data change pin
indicates when the present output differs from the previous,
thus allowing compaction of data storage.
Sixteen paralleled auto-balanced voltage comparators mea-
sure the input voltage with respect to a known reference to
produce the parallel-bit outputs in the CA3304. Fifteen com-
parators are required to quantize all input voltage levels in this
4-bit converter, and the additional comparator is required for
the overflow bit.
Part Number Information
Pinout
CA3304 (SBDIP, PDIP, SOIC)
TOP VIEW
PART NUMBER LINEARITY (INL, DNL)
SAMPLING RATE
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
CA3304E
±0.25 LSB
25MHz (40ns)
-40 to 85
16 Ld PDIP
E16.3
CA3304AE
±0.125 LSB
25MHz (40ns)
-40 to 85
16 Ld PDIP
E16.3
CA3304M
±0.25 LSB
25MHz (40ns)
-40 to 85
16 Ld SOIC (W)
M16.3
CA3304AM
±0.125 LSB
25MHZ (40ns)
-40 to 85
16 Ld SOIC (W)
M16.3
CA3304D
±0.25 LSB
25MHz (40ns)
-55 to 125
16 Ld SBDIP
D16.3
CA3304AD
±0.125 LSB
25MHz (40ns)
-55 to 125
16 Ld SBDIP
D16.3
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
BIT 1 (LSB)
BIT 2
BIT 3
BIT 4
DATA CHANGE (DC)
OVERFLOW (OF)
VSS
CE2
VDD
VAA-
VREF-
VREF+
VIN
VAA+
CE1
CLK
FN1790.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
FOR A
POSS
IBLE S
UBST
ITUTE
PROD
UCT
conta
ct our
Techn
ical Su
pport
Cente
r at
1-888-
INTER
SIL or
www.i
ntersi
l.com/
tsc
OBSO
LETE
PROD
UCT


Số phần tương tự - CA3304M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3304M INTERSIL-CA3304M Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
More results

Mô tả tương tự - CA3304M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3304 INTERSIL-CA3304 Datasheet
117Kb / 11P
   4-Bit, 25 MSPS, Flash A/D Converters
August 1997
HI3304 INTERSIL-HI3304 Datasheet
117Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
August 1997
HI3304 INTERSIL-HI3304_02 Datasheet
289Kb / 12P
   4-Bit, 25 MSPS, Flash A/D Converter
CA3306 INTERSIL-CA3306 Datasheet
111Kb / 16P
   6-Bit, 15 MSPS, Flash A/D Converters
August 1997
CA3306 INTERSIL-CA3306_02 Datasheet
341Kb / 17P
   6-Bit, 15 MSPS, Flash A/D Converters
logo
Fairchild Semiconductor
TDC1044A FAIRCHILD-TDC1044A Datasheet
79Kb / 16P
   Monolithic Video A/D Converter 4-Bit, 25 Msps
logo
Analog Devices
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
AD9032 AD-AD9032_15 Datasheet
253Kb / 8P
   12-Bit 25 MSPS A/D Converter
REV. 0
AD9713 AD-AD9713_15 Datasheet
2Mb / 8P
   12 BIT 100 MSPS D/A CONVERTERS
REV. A
AD9712B AD-AD9712B_15 Datasheet
271Kb / 12P
   12-Bit, 100 MSPS D/A Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com