công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA3304A bảng dữ liệu(PDF) 4 Page - Intersil Corporation |
|
CA3304A bảng dữ liệu(HTML) 4 Page - Intersil Corporation |
4 / 12 page 4 Pin Descriptions PIN NUMBER NAME DESCRIPTION 1 Bit 1 Bit 1 (LSB). Output Data Bits (High = True) 2Bit 2 Bit 2. 3Bit 3 Bit 3. 4 Bit 4 Bit 4 (MSB). 5 DC Data Change. 6 OF Overflow. 7 CE2 Three-State Output Enable Input, active low. See the Chip Enable Truth Table. 8VSS Digital Ground. 9CE1 Three-State Output Enable Input, active high. See the Chip Enable Truth Table. 10 VAA+ Analog Power Supply, +5V. 11 VIN Analog Signal Input. 12 VREF+ Reference Voltage Positive Input. 13 VREF- Reference Voltage Negative Input. 14 VAA- Analog Ground. 15 CLK Clock Input. 16 VDD Digital Power Supply, +5V. CHIP ENABLE TRUTH TABLE CE1 CE2 BIT 1 - BIT 4 DC, OF 0 1 Valid Valid 1 1 Three-State Valid X 0 Three-State Three-State X = Don't Care TABLE 1. OUTPUT CODE TABLE CODE DESCRIPTION INPUT VOLTAGE (V) OUTPUT CODE DECIMAL COUNT VREF+ = 1V VREF- = -1V 1.6V 0V 2V 0V 3.2V 0V 4.8V 0V OF B4 B3 B2 B1 Zero -1.000 0 0 0 0 0 0000 0 1 LSB -0.875 0.1 0.125 0.2 0.3 0 0001 1 2 LSB -0.750 0.2 0.250 0.4 0.6 0 0010 2 • • • • • • ••••• • • • • • • • ••••• • • • • • • • ••••• • • • • • • • ••••• • 1/ 2 Full Scale -1 LSB -0.125 0.7 0.875 1.4 2.1 0 0111 7 1/ 2 Full Scale 0 0.8 1.000 1.6 2.4 0 1000 8 1/ 2 Full Scale +1 LSB 0.125 0.9 1.125 1.8 2.7 0 1001 9 • • • • • • ••••• • • • • • • • ••••• • • • • • • • ••••• • • • • • • • ••••• • Full Scale -1 LSB 0.750 1.4 1.750 2.8 4.2 0 1110 14 Full Scale 0.875 1.5 1.875 3.0 4.5 0 1111 15 Overflow 1.000 1.6 2.000 3.2 4.8 1 1111 31 Step Size 0.125 0.1 0.125 0.2 0.3 NOTE: 1. The voltages listed are the ideal centers of each output code shown as a function of its associated reference voltage See Ideal Transfer Curve Figure 6. The output code should exist for an input equal to the ideal center voltage ±1/2 of the step size. CA3304, CA3304A |
Số phần tương tự - CA3304A |
|
Mô tả tương tự - CA3304A |