công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3130AM bảng dữ liệu(PDF) 10 Page - Intersil Corporation

tên linh kiện CA3130AM
Giải thích chi tiết về linh kiện  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130AM bảng dữ liệu(HTML) 10 Page - Intersil Corporation

Back Button CA3130AM Datasheet HTML 6Page - Intersil Corporation CA3130AM Datasheet HTML 7Page - Intersil Corporation CA3130AM Datasheet HTML 8Page - Intersil Corporation CA3130AM Datasheet HTML 9Page - Intersil Corporation CA3130AM Datasheet HTML 10Page - Intersil Corporation CA3130AM Datasheet HTML 11Page - Intersil Corporation CA3130AM Datasheet HTML 12Page - Intersil Corporation CA3130AM Datasheet HTML 13Page - Intersil Corporation CA3130AM Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
FIGURE 10. 9-BIT DAC USING CMOS DIGITAL SWITCHES AND CA3130
FIGURE 11. SINGLE SUPPLY, ABSOLUTE VALUE, IDEAL FULL-WAVE RECTIFIER WITH ASSOCIATED WAVEFORMS
6
3
10
10
3
6
4
8
3
6
7
9
4
10
2
3
13
8
12
12
1
5
8
13
13
1
12
8
5
14
11
2
6
5
1
7
7
1
6
8
4
3
2
10V LOGIC INPUTS
+10.010V
LSB
9
8
7
6
5
4
321
MSB
806K
1%
PARALLELED
RESISTORS
+15V
VOLTAGE
FOLLOWER
CA3130
OUTPUT
LOAD
100K
OFFSET
NULL
56pF
2K
0.1
µF
REGULATED
VOLTAGE
ADJ
22.1k
1%
1K
3.83k
1%
0.001
µF
CA3085
VOLTAGE
REGULATOR
+15V
2
µF
25V
+
-
+10.010V
CD4007A
“SWITCHES”
CD4007A
“SWITCHES”
402K
1%
200K
1%
100K
1%
806K
1%
806K
1%
806K
1%
750K
1%
806K
1%
806K
1%
806K
1%
806K
1%
(2)
(4)
(8)
806K
1%
+
-
62
BIT
1
2
3
4
5
6 - 9
REQUIRED
RATIO-MATCH
STANDARD
±0.1%
±0.2%
±0.4%
±0.8%
±1% ABS
NOTE: All resistances are in ohms.
CD4007A
“SWITCHES”
1
5
10K
2
3
4
6
8
1
5
7
R2
2k
+15V
0.01
µF
1N914
R3
5.1k
PEAK
ADJUST
2k
100k
OFFSET
ADJUST
20pF
CA3130
R1
4k
+
-
20VP-P Input: BW(-3dB) = 230kHz, DC Output (Avg) = 3.2V
1VP-P Input: BW(-3dB) = 130kHz, DC Output (Avg) = 160mV
Gain =
R
2
R
1
------- = X =
R
3
R
1 + R2 + R3
-------------------------------------
R
3 = R1
X + X
2
1 - X
------------------


For X = 0.5:
2K
4k
------------ =
R
2
R
1
-------
R
3= 4kΩ
0.75
0.5
-----------


= 6k
Top Trace: Output Signal; 2V/Div.
Bottom Trace: Input Signal; 10V/Div.
Time base on both traces: 0.2ms/Div.
0V
0V
CA3130, CA3130A


Số phần tương tự - CA3130AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3130AM INTERSIL-CA3130AM Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AM RENESAS-CA3130AM Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3130AM96 INTERSIL-CA3130AM96 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AM96 RENESAS-CA3130AM96 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3130AMZ RENESAS-CA3130AMZ Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Mô tả tương tự - CA3130AM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com