công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3130A bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện CA3130A
Giải thích chi tiết về linh kiện  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130A bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button CA3130A Datasheet HTML 3Page - Intersil Corporation CA3130A Datasheet HTML 4Page - Intersil Corporation CA3130A Datasheet HTML 5Page - Intersil Corporation CA3130A Datasheet HTML 6Page - Intersil Corporation CA3130A Datasheet HTML 7Page - Intersil Corporation CA3130A Datasheet HTML 8Page - Intersil Corporation CA3130A Datasheet HTML 9Page - Intersil Corporation CA3130A Datasheet HTML 10Page - Intersil Corporation CA3130A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
o
Power-Supply Considerations
Because the CA3130 is very useful in single-supply
applications, it is pertinent to review some considerations
relating to power-supply current consumption under both
single-and dual-supply service. Figures 6A and 6B show the
CA3130 connected for both dual-and single-supply
operation.
Dual-supply Operation: When the output voltage at Terminal
6 is 0V, the currents supplied by the two power supplies are
equal. When the gate terminals of Q8 and Q12 are driven
increasingly positive with respect to ground, current flow
through Q12 (from the negative supply) to the load is
increased and current flow through Q8 (from the positive
supply) decreases correspondingly. When the gate terminals
of Q8 and Q12 are driven increasingly negative with respect
to ground, current flow through Q8 is increased and current
flow through Q12 is decreased accordingly.
Single-supply Operation: Initially, let it be assumed that the
value of RL is very high (or disconnected), and that the input-
terminal bias (Terminals 2 and 3) is such that the output
terminal (No. 6) voltage is at V+/2, i.e., the voltage drops
across Q8 and Q12 are of equal magnitude. Figure 20 shows
typical quiescent supply-current vs supply-voltage for the
CA3130 operated under these conditions. Since the output
stage is operating as a Class A amplifier, the supply-current
will remain constant under dynamic operating conditions as
long as the transistors are operated in the linear portion of
their voltage-transfer characteristics (see Figure 2). If either
Q8 or Q12 are swung out of their linear regions toward cut-off
(a non-linear region), there will be a corresponding reduction
in supply-current. In the extreme case, e.g., with Terminal 8
swung down to ground potential (or tied to ground), NMOS
transistor Q12 is completely cut off and the supply-current to
series-connected transistors Q8, Q12 goes essentially to zero.
The two preceding stages in the CA3130, however, continue
to draw modest supply-current (see the lower curve in Figure
20) even though the output stage is strobed off. Figure 6A
shows a dual-supply arrangement for the output stage that
can also be strobed off, assuming RL = ∞ by pulling the
potential of Terminal 8 down to that of Terminal 4.
Let it now be assumed that a load-resistance of nominal
value (e.g., 2k
Ω) is connected between Terminal 6 and
ground in the circuit of Figure 6B. Let it be assumed again
that the input-terminal bias (Terminals 2 and 3) is such that
the output terminal (No. 6) voltage is at V+/2. Since PMOS
transistor Q8 must now supply quiescent current to both RL
and transistor Q12, it should be apparent that under these
conditions the supply-current must increase as an inverse
function of the RL magnitude. Figure 22 shows the voltage-
drop across PMOS transistor Q8 as a function of load
current at several supply voltages. Figure 2 shows the
voltage-transfer characteristics of the output stage for
several values of load resistance.
Wideband Noise
From the standpoint of low-noise performance
considerations, the use of the CA3130 is most advantageous
in applications where in the source resistance of the input
signal is on the order of 1M
Ω or more. In this case, the total
input-referred noise voltage is typically only 23
µV when the
test-circuit amplifier of Figure 7 is operated at a total supply
voltage of 15V. This value of total input-referred noise
remains essentially constant, even though the value of
source resistance is raised by an order of magnitude. This
characteristic is due to the fact that reactance of the input
capacitance becomes a significant factor in shunting the
source resistance. It should be noted, however, that for
FIGURE 5. TYPICAL INCREMENTAL OFFSET-VOLTAGE
SHIFT vs OPERATING LIFE
FIGURE 6A. DUAL POWER SUPPLY OPERATION
FIGURE 6B. SINGLE POWER SUPPLY OPERATION
FIGURE 6. CA3130 OUTPUT STAGE IN DUAL AND SINGLE
POWER SUPPLY OPERATION
TA = 125
oC FOR TO-5 PACKAGES
7
6
5
4
3
2
1
0
500
1000
1500
2000 2500
3000 3500
4000
TIME (HOURS)
DIFFERENTIAL DC VOLTAGE
(ACROSS TERMINALS 2 AND 3) = 0V
OUTPUT VOLTAGE = V+ / 2
DIFFERENTIAL DC VOLTAGE
(ACROSS TERMINALS 2 AND 3) = 2V
OUTPUT STAGE TOGGLED
0
3
2
8
4
7
6
RL
Q8
Q12
CA3130
+
-
V+
V-
3
2
8
4
7
6
RL
Q8
Q12
CA3130
+
-
V+
CA3130, CA3130A


Số phần tương tự - CA3130A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3130A INTERSIL-CA3130A Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
CA3130AE INTERSIL-CA3130AE Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AE RENESAS-CA3130AE Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3130AM INTERSIL-CA3130AM Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130AM RENESAS-CA3130AM Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Mô tả tương tự - CA3130A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com