công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA3078T bảng dữ liệu(PDF) 10 Page - Intersil Corporation |
|
CA3078T bảng dữ liệu(HTML) 10 Page - Intersil Corporation |
10 / 12 page 10 Dual-In-Line Plastic Packages (PDIP) C L E eA C eB eC -B- E1 INDEX 12 3 N/2 N AREA SEATING BASE PLANE PLANE -C- D1 B1 B e D D1 A A2 L A1 -A- 0.010 (0.25) C A M B S NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protru- sions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and are measured with the leads constrained to be per- pendicular to datum . 7. eB and eC are measured at the lead tips with the leads uncon- strained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm). eA -C- E8.3 (JEDEC MS-001-BA ISSUE D) 8 LEAD DUAL-IN-LINE PLASTIC PACKAGE SYMBOL INCHES MILLIMETERS NOTES MINMAX MINMAX A - 0.210 - 5.33 4 A1 0.015 - 0.39 - 4 A2 0.115 0.195 2.93 4.95 - B 0.014 0.022 0.356 0.558 - B1 0.045 0.070 1.15 1.77 8, 10 C 0.008 0.014 0.204 0.355 - D 0.355 0.400 9.01 10.16 5 D1 0.005 - 0.13 - 5 E 0.300 0.325 7.62 8.25 6 E1 0.240 0.280 6.10 7.11 5 e 0.100 BSC 2.54 BSC - eA 0.300 BSC 7.62 BSC 6 eB - 0.430 - 10.92 7 L 0.115 0.150 2.93 3.81 4 N8 8 9 Rev. 0 12/93 CA3078, CA3078A |
Số phần tương tự - CA3078T |