công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA3078M bảng dữ liệu(PDF) 2 Page - Intersil Corporation |
|
CA3078M bảng dữ liệu(HTML) 2 Page - Intersil Corporation |
2 / 12 page 2 Absolute Maximum Ratings Thermal Information Supply Voltage (Between V+ and V- Terminal) CA3078 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .14V CA3078A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .6V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V- Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.1mA Output Short Circuit Duration (Note 1). . . . . . . . . . . . . No Limitation Operating Conditions Temperature Range CA3078 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC CA3078A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Thermal Resistance (Typical, Note 2) θJA (oC/W) θJC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 130 N/A SOIC Package . . . . . . . . . . . . . . . . . . . 165 N/A Metal Can Package . . . . . . . . . . . . . . . 175 100 Maximum Junction Temperature (Metal Can Package) . . . . . . . 175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC (SOIC - Lead Tips Only) CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTES: 1. Short circuit may be applied to ground or to either supply. 2. θJA is measured with the component mounted on an evaluation PC board in free air. Electrical Specifications For Equipment Design PARAMETER TEST CONDITIONS CA3078 LIMITS CA3078A LIMITS UNITS RSET = 1MΩ RSET = 5.1MΩ V+ and V- RS (k Ω) RL (k Ω) TA = 25 oC TA = 0 oC to 70oCTA = 25 oC TA = -55 oC to 125oC MIN TYP MAX MIN MAX MIN TYP MAX MIN MAX VIO ±6V ≤10 - - 1.3 4.5 - 5 - 0.70 3.5 - 4.5 mV IIO - - - 6 32 - 40 - 0.50 2.5 - 5.0 nA IIB - - - 60 170 - 200 - 7 12 - 50 nA AOL - ≥10 88 92 - 86 - 92 100 - 90 - dB IQ - - - 100 130 - 150 - 20 25 - 45 µA PD - - - 1200 1560 - 1800 - 240 300 - 540 µW VOM - ≥10 ±5.1 ±5.3 - ±5- ±5.1 ±5.3 - ±5- V VICR ≤10 - - -5.5 to +5.8 --5 to +5 -- -5.5 to +5.8 --5 to +5 -V CMRR ≤10 - 80 110 - - - 80 115 - - - dB IOM+ or IOM- - - - 12 - 6.5 30 - 12 - 6.5 30 mA ∆VIO/∆V+ ≤10 - 76 93 - - - 76 105 - - - µV/V ∆VIO/∆V- ≤10 - 76 93 - - - 76 105 - - - µV/V RSET = 13MΩ VIO ±15V ≤10 -- ----- 1.4 3.5 - 4.5 mV AOL - ≥10 - ---- 92 100 - 88 - dB IQ --- ----- 20 30 - 50 µA PD --- ----- 600 750 - 1350 µW VOM - ≥10 - ---- ±13.7 ±14.1 - ±13.5 - V CMRR ≤10 -- ---- 80 106 --- dB IIB --- ----- 7 14 - 55 nA IIO --- ----- 0.50 2.7 - 5.5 nA CA3078, CA3078A |
Số phần tương tự - CA3078M |