công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CA3146E bảng dữ liệu(PDF) 4 Page - Intersil Corporation |
|
CA3146E bảng dữ liệu(HTML) 4 Page - Intersil Corporation |
4 / 12 page 4 Collector-Cutoff Current ICBO VCB = 10V, IE = 0 20 - - 1 - - 1 µA DC Forward-Current Transfer Ratio hFE VCE = 3V, IC = 10mA 21, 22 40 - - 40 - - - VCE = 5V, IC = 50mA - 40 - - 40 - - - Base-to-Emitter Voltage VBE VCE = 3V, IC = 10mA 23 0.65 0.75 0.85 0.65 0.75 0.85 V Collector-to-Emitter Saturation Voltage VCE SAT (Note 3) IC = 50mA, IB = 5mA 24 - 1.7 3.0 - 1.7 3.0 V FOR TRANSISTORS Q1 AND Q2 (AS A DIFFERENTIAL AMPLIFIER) Absolute Input Offset Voltage |VIO|VCE = 3V, IC = 1mA 25 -0.47 5 -0.47 5 mV Absolute Input Offset Current |IIO|VCE = 3V, IC = 1mA 26 -0.78 2.5 -0.78 2.5 µA Electrical Specifications CA3183 Series (Continued) PARAMETER SYMBOL TEST CONDITIONS TYPICAL PERF. CURVE FIG. NO. CA3183 CA3183A UNITS TA = 25 oCMIN TYP MAX MIN TYP MAX Typical Performance Curves DC Characteristics - CA3146 Series FIGURE 1. ICEO vs TEMPERATURE FOR ANY TRANSISTOR FIGURE 2. ICBO vs TEMPERATURE FOR ANY TRANSISTOR FIGURE 3. hFE vs IC FOR ANY TRANSISTOR FIGURE 4. VBE vs TEMPERATURE FOR ANY TRANSISTOR 102 10-1 10 1 10-2 10-3 0 255075 100 125 TEMPERATURE (oC) IB = 0 VCE = 5V 103 VCE = 10V 102 10-4 10 1 10-1 10-2 10-3 0 25 50 75 100 125 TEMPERATURE (oC) IE = 0 VCB = 10 VCB = 5 VCB = 15 140 120 100 80 60 40 0.01 1 10 COLLECTOR CURRENT (mA) 20 TA = 125 oC 160 0.1 25oC -55oC VCE = 5V IE = 3mA IE = 1mA TEMPERATURE (oC) 0.9 0.8 0.7 0.6 0.5 0.4 -75 VCE = 5V -50 -25025 50 75 100 125 CA3146, CA3146A, CA3183, CA3183A |
Số phần tương tự - CA3146E |