công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV981IDBVR bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LMV981IDBVR
Giải thích chi tiết về linh kiện  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL AND OUTPUT AND SHUTDOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LMV981IDBVR bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LMV981IDBVR Datasheet HTML 4Page - Texas Instruments LMV981IDBVR Datasheet HTML 5Page - Texas Instruments LMV981IDBVR Datasheet HTML 6Page - Texas Instruments LMV981IDBVR Datasheet HTML 7Page - Texas Instruments LMV981IDBVR Datasheet HTML 8Page - Texas Instruments LMV981IDBVR Datasheet HTML 9Page - Texas Instruments LMV981IDBVR Datasheet HTML 10Page - Texas Instruments LMV981IDBVR Datasheet HTML 11Page - Texas Instruments LMV981IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LMV981 SINGLE, LMV982 DUAL
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT AND SHUTDOWN
SLOS440G − AUGUST 2004 − REVISED MAY 2005
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC+ = 5 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2,
RL > 1 MΩ, and SHDN tied to VCC+ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
LMV981 (single)
25
°C
1
4
VIO
Input offset voltage
LMV981 (single)
Full range
6
mV
VIO
Input offset voltage
LMV982 (dual)
25
°C
1
5.5
mV
LMV982 (dual)
Full range
7.5
a
V
IO
Average temperature
coefficient of
input offset voltage
25
°C
5.5
mV/°C
VIC = VCC+ − 0.8 V
25
°C
15
35
IIB
Input bias current
25
°C
65
nA
IIB
Input bias current
Full range
75
nA
IIO
Input offset current
25
°C
9
25
nA
IIO
Input offset current
Full range
40
nA
25
°C
116
210
Full range
230
ICC
Supply current
LMV981
25
°C
0.201
1
A
ICC
Supply current
(per channel)
In
LMV981
Full range
2
mA
(per channel)
In
shutdown
LM982
25
°C
0.302
3.5
shutdown
LM982
Full range
5
0
≤ VIC ≤ 3.8 V,
25
°C
60
86
0
≤ VIC ≤ 3.8 V,
4.6 V
≤ VIC ≤ 5 V
−40
°C to 85°C
55
CMRR
Common-mode
rejection ratio
0.3
≤ VIC ≤ 3.8 V,
4.6 V
≤ VIC ≤ 4.7 V
−40
°C to 125°C
55
dB
rejection ratio
−0.2 V
≤ VIC ≤ 0 V,
5 V
≤ VIC ≤ 5.2 V
25
°C
50
78
kSVR
Supply-voltage
1.8 V
≤ VCC+ ≤ 5 V,
25
°C
75
100
dB
kSVR
Supply-voltage
rejection ratio
1.8 V
≤ VCC+ ≤ 5 V,
VIC = 0.5 V
Full range
70
dB
Common-mode
25
°C
VCC− − 0.2
−0.2 to 5.3
VCC+ + 0.2
VICR
Common-mode
input voltage range
CMRR
≥ 50 dB
−40
°C to 85°C
VCC−
VCC+
V
VICR
input voltage range
CMRR
≥ 50 dB
−40
°C to 125°C
VCC− + 0.3
VCC+ −0.3
V
RL = 600 Ω to 2.5 V,
25
°C
88
102
LMV981
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
87
LMV981
RL = 2 kΩ to 2.5 V,
25
°C
94
113
AV
Large-signal
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
93
dB
AV
Large-signal
voltage gain
RL = 600 Ω to 2.5 V,
25
°C
81
90
dB
voltage gain
LMV982
RL = 600 Ω to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
78
LMV982
RL = 2 kΩ to 2.5 V,
25
°C
85
100
RL = 2 kΩ to 2.5 V,
VO = 0.2 V to 4.8 V
Full range
82


Số phần tương tự - LMV981IDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV981IDBVR TI1-LMV981IDBVR Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
LMV981IDBVRE4 TI1-LMV981IDBVRE4 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
LMV981IDBVRG4 TI1-LMV981IDBVRG4 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
More results

Mô tả tương tự - LMV981IDBVR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV981 TI1-LMV981_15 Datasheet
1Mb / 26P
[Old version datasheet]   LMV981 SINGLE, LMV982 DUAL 1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT AND SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2780 TI-TLV2780 Datasheet
501Kb / 26P
[Old version datasheet]   FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
ON Semiconductor
LMV981 ONSEMI-LMV981 Datasheet
445Kb / 21P
   Single and Dual Low Voltage, Rail-to-Rail Input and Output, Operational Amplifiers with Shutdown
February, 2010 ??Rev. 5
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com