công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC1488 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện MC1488
Giải thích chi tiết về linh kiện  QUADRUPLE LINE DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MC1488 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  MC1488_06 Datasheet HTML 1Page - Texas Instruments MC1488_06 Datasheet HTML 2Page - Texas Instruments MC1488_06 Datasheet HTML 3Page - Texas Instruments MC1488_06 Datasheet HTML 4Page - Texas Instruments MC1488_06 Datasheet HTML 5Page - Texas Instruments MC1488_06 Datasheet HTML 6Page - Texas Instruments MC1488_06 Datasheet HTML 7Page - Texas Instruments MC1488_06 Datasheet HTML 8Page - Texas Instruments MC1488_06 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC± = ±9 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
220
350
ns
tPHL
Propagation delay time, high- to low-level output
RL = 3 kΩ,
CL = 15 pF,
100
175
ns
tTLH
Transition time, low- to high-level output†
RL = 3 kΩ,
CL = 15 pF,
See Figure 1
55
100
ns
tTHL
Transition time, high- to low-level output†
See Figure 1
45
75
ns
tTLH
Transition time, low- to high-level output‡
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF,
2.5
µs
tTHL
Transition time, high- to low-level output‡
RL = 3 kΩ to 7 kΩ,
CL = 2500 pF,
See Figure 1
3.0
µs
† Measured between 10% and 90% points of output waveform
‡ Measured between 3 V and − 3 V points on the output waveform (TIA / EIA-232-E conditions)
PARAMETER MEASUREMENT INFORMATION
10%
50%
90%
Output
10%
50%
90%
1.5 V
Input
tPHL
tPLH
1.5 V
3 V
0 V
VOH
VOL
tTLH
tTHL
VOLTAGE WAVEFORMS
TEST CIRCUIT
Output
(see Note B)
CL
RL
Input
Pulse
Generator
(see Note A)
NOTES: A. The pulse generator has the following characteristics: tw = 0.5 µs, PRR ≤ 1 MHz, ZO = 50 Ω.
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms


Số phần tương tự - MC1488_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488_06 Datasheet
558Kb / 17P
   RS-232 quad line driver
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results

Mô tả tương tự - MC1488_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
SN55188 TI-SN55188 Datasheet
531Kb / 15P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com