công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FIN1218MTD bảng dữ liệu(PDF) 6 Page - Fairchild Semiconductor

tên linh kiện FIN1218MTD
Giải thích chi tiết về linh kiện  LVDS 21-Bit Serializers/De-Serializers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1218MTD bảng dữ liệu(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN1218MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 7Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 8Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 9Page - Fairchild Semiconductor FIN1218MTD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.fairchildsemi.com
6
Absolute Maximum Ratings(Note 7)
Recommended Operating
Conditions
Note 7: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 8: 100mV VCC noise should be tested for frequency at least up to
2 MHz. All the specification below should be met under such a noise.
Transmitter DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Note 9)
Note 9: All Typical values are at TA 25qC and with VCC 3.3V.
Note 10: Positive current values refer to the current flowing into device and negative values means current flowing out of pins. Voltage are referenced to
ground unless otherwise specified (except
'VOD and VOD).
Note 11: The power supply current for both transmitter and receiver can be different with the number of active I/O channels.
Note 12: The 16-grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern approximates signal switching
needed to produce groups of 16 vertical strips across the display.
Power Supply Voltage (VCC)
-0.3V to +4.6V
TTL/CMOS Input/Output Voltage
0.5V to 4.6V
LVDS Input/Output Voltage
-0.3V to +4.6V
LVDS Output Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
65qC to 150qC
Maximum Junction Temperature (TJ)
150
qC
Lead Temperature (TL)
(Soldering, 4 seconds)
260
qC
ESD Rating (HBM, 1.5 k
:, 100 pF)
LVDS I/O to GND
!10.0 kV
All Pins (FIN1215, FIN1217 only)
!6.5 kV
ESD Rating (MM, 0
:, 200 pF)
(FIN1215, FIN1217 only)
!400V
Supply Voltage (VCC)
3.0V to 3.6V
Operating Temperature (TA)(Note 7)
40°C to 85°C
Maximum Supply Noise Voltage
(VCCNPP)
100 mVP-P (Note 8)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Transmitter LVTTL Input Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VIK
Input Clamp Voltage
IIK 18 mA
0.79
1.5
V
IIN
Input Current
VIN 0.4V to 4.6V
1.8
10.0
PA
VIN GND
10.0
0
Transmitter LVDS Output Characteristics (Note 10)
VOD
Output Differential Voltage
RL 100 :, See Figure 1
250
450
mV
'VOD
VOD Magnitude Change from Differential LOW-to-HIGH
35.0
mV
VOS
Offset Voltage
1.125
1.25
1.375
V
'VOS
Offset Magnitude Change from Differential LOW-to-HIGH
mV
IOS
Short Circuit Output Current
VOUT 0V
3.5
5.0
mA
IOZ
Disabled Output Leakage Current
DO
0V to 4.6V, PwrDn
0V
r1.0
r10.0
PA
Transmitter Supply Current
ICCWT
21:3 Transmitter Power Supply Current
33.0 MHz
28.0
46.2
mA
for Worst Case Pattern (With Load)
RL 100 :,
40.0 MHz
29.0
51.7
(Note 11), (Note 12)
See Figure 3
65.0 MHz
34.0
57.2
(85.0 MHz Specification for FIN1217 only)
85.0 MHz
39.0
62.7
ICCPDT
Powered Down Supply Current
PwrDn
0.8V
10.0
55.0
PA


Số phần tương tự - FIN1218MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1218MTD FAIRCHILD-FIN1218MTD Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
FIN1218MTDX FAIRCHILD-FIN1218MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1218MTDX ONSEMI-FIN1218MTDX Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
More results

Mô tả tương tự - FIN1218MTD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FIN1215MTDX FAIRCHILD-FIN1215MTDX Datasheet
702Kb / 20P
   LVDS 21-Bit Serializers / De-Serializers
logo
ON Semiconductor
FIN1215 ONSEMI-FIN1215 Datasheet
757Kb / 22P
   LVDS 21-Bit Serializers / De-Serializers
Sep 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1218 FAIRCHILD-FIN1218 Datasheet
434Kb / 17P
   LVDS 21-Bit Serializers/De-Serializers
logo
Maxim Integrated Produc...
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9209_0710 MAXIM-MAX9209_0710 Datasheet
321Kb / 21P
   Programmable DC-Balanced 21-Bit Serializers
Rev 4; 10/07
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9209 MAXIM-MAX9209 Datasheet
477Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 2; 2/04
MAX9209 MAXIM-MAX9209_07 Datasheet
319Kb / 20P
   Programmable DC-Balanced 21-Bit Serializers
Rev 3; 6/07
MAX9209 MAXIM-MAX9209_12 Datasheet
597Kb / 18P
   Programmable DC-Balanced 21-Bit Serializers
Rev 5; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com