công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DAC08C bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
DAC08C bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
7 / 12 page Philips Semiconductors Linear Products Product specification DAC08 Series 8-Bit high-speed multiplying D/A converter August 31, 1994 722 TYPICAL PERFORMANCE CHARACTERISTICS 10 IFS — OUTPUT FULL SCALE CURRENT (mA) 50ns/DIVISIOM REQ = 200Ω, RL = 100Ω, CC = 0 2.0mA NOTES: Curve 1: CC = 15pF, VIN = 2.0VP-P centered at +1.0V Curve 1: CC = 15pF, VIN = 5m0VP-P centered at +200mV Curve 1: CC = 15pF, VIN = 100m0VP-P centered at 0V and applied through 50 Ω connected to Pin 14. +2.0V applied to R14. Output Current vs Output Voltage (Output Voltage Compliance) Fast Pulsed Reference Operation True and Complementary Output Operation Full-Scale Settling Time LSB Switching Full-Scale Current vs Reference Current LSB Propagation Delay vs IFS Reference Input Frequency Response IREF — REFERENCE CURRENT (mA) 5.0 4.0 3.0 2.0 1.0 0 0 1.0 2.0 3.0 4.0 5.0 TA = Tmin TO Tmax ALL BITS “HIGH” LIMIT FOR V–=–15V LIMIT FOR V–=–5V (00000000) (11111111) 0mA 1.0mA IOUT IOUT 3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 OUTPUT VOLTAGE (V) ALL BITS ON –14 –10 –6 –2 0 2 6 10 14 18 2.5V 0.5V –0.5mA –2.5mA VIN IOUT 200ns/division BIT 8 LOGIC INPUT IOUT 8 µA 2.4V 0.4V 0V 0 ALL BITS SWITCHED ON OUTPUT – 1/2LSB SETTLING +1/2LSB 0 2.4V 0.4V 50ns/DIVISIOM IFS=2mA, RL=1kΩ 1/2LSB=4µA 500 400 300 200 100 0 1LSB=78nA 1LSB=7.8 µA FREQUENCY (MHz) 6 4 2 0 –2 –4 –6 –8 –10 –12 –14 0.1 0.2 0.5 1.0 2.0 5.0 R14=R15=1k Ω 3 2 1 RL ≤ 500Ω ALL BITS “ON” VR15 = 0V IREF = 0.2mA IREF = 1mA IREF = 2mA V– = –15V V– = –5V TA = Tmin TO Tmax |
Số phần tương tự - DAC08C |
|
Mô tả tương tự - DAC08C |