công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD3N40TM bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện FDD3N40TM
Giải thích chi tiết về linh kiện  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3N40TM bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  FDD3N40TM Datasheet HTML 1Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 2Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 3Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 4Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 5Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 6Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 7Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 8Page - Fairchild Semiconductor FDD3N40TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.fairchildsemi.com
FDD3N40 / FDU3N40 Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 20mH, IAS = 2A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 2A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300µs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD3N40
FDD3N40TM
D-PAK
380mm
16mm
2500
FDD3N40
FDD3N40TF
D-PAK
380mm
16mm
2000
FDU3N40
FDU3N40TU
I-PAK
-
-
70
Symbol
Parameter
Conditions
Min.
Typ.
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
400
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, Referenced to 25°C--
0.4
--
V/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 400V, VGS = 0V
VDS = 320V, TC = 125°C
--
--
--
--
1
10
µA
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250µA3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 1A
--
2.8
3.4
gFS
Forward Transconductance
VDS = 40V, ID = 1A
(Note 4)
--
2
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
173
225
pF
Coss
Output Capacitance
--
30
40
pF
Crss
Reverse Transfer Capacitance
--
3.7
6
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 200V, ID = 3A
RG = 25Ω
(Note 4, 5)
--
10
30
ns
tr
Turn-On Rise Time
--
30
70
ns
td(off)
Turn-Off Delay Time
--
10
30
ns
tf
Turn-Off Fall Time
--
25
60
ns
Qg
Total Gate Charge
VDS = 320V, ID = 3A
VGS = 10V
(Note 4, 5)
--
4.5
6
nC
Qgs
Gate-Source Charge
--
1.2
--
nC
Qgd
Gate-Drain Charge
--
2
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
2
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
8
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 2A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 3A
dIF/dt =100A/µs
(Note 4)
--
210
--
ns
Qrr
Reverse Recovery Charge
--
0.75
--
µC


Số phần tương tự - FDD3N40TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
VBsemi Electronics Co.,...
FDD3N40TM VBSEMI-FDD3N40TM Datasheet
1Mb / 9P
   Power MOSFET
More results

Mô tả tương tự - FDD3N40TM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com