công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDD6N25 bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện FDD6N25
Giải thích chi tiết về linh kiện  250V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6N25 bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  FDD6N25 Datasheet HTML 1Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 2Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 3Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 4Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 5Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 6Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 7Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 8Page - Fairchild Semiconductor FDD6N25 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FDD6N25 / FDU6N25 Rev. A
February 2007
UniFET
TM
FDD6N25 / FDU6N25
250V N-Channel MOSFET
Features
• 4.4A, 250V, RDS(on) = 1.1Ω @VGS = 10 V
• Low gate charge ( typical 4.5 nC)
•Low Crss ( typical 5 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies and active power factor
correction.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
I-PAK
FDU Series
D-PAK
FDD Series
G
S
D
G
S
D
Symbol
Parameter
FDD6N25 / FDU6N25
Unit
VDSS
Drain-Source Voltage
250
V
ID
Drain Current
- Continuous (TC = 25°C)
- Continuous (TC = 100°C)
4.4
2.6
A
A
IDM
Drain Current
- Pulsed
(Note 1)
18
A
VGSS
Gate-Source voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
45
mJ
IAR
Avalanche Current
(Note 1)
4.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
5mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25°C)
- Derate above 25
°C
50
0.4
W
W/
°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
°C
Symbol
Parameter
Typ
Max
Unit
RθJC
Thermal Resistance, Junction-to-Case
--
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W


Số phần tương tự - FDD6N25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Inchange Semiconductor ...
FDD6N25 ISC-FDD6N25 Datasheet
352Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD6N25TM FAIRCHILD-FDD6N25TM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Mô tả tương tự - FDD6N25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com