công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CD4071BC bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện CD4071BC
Giải thích chi tiết về linh kiện  Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4071BC bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  CD4071BC Datasheet HTML 1Page - Fairchild Semiconductor CD4071BC Datasheet HTML 2Page - Fairchild Semiconductor CD4071BC Datasheet HTML 3Page - Fairchild Semiconductor CD4071BC Datasheet HTML 4Page - Fairchild Semiconductor CD4071BC Datasheet HTML 5Page - Fairchild Semiconductor CD4071BC Datasheet HTML 6Page - Fairchild Semiconductor CD4071BC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005977
www.fairchildsemi.com
October 1987
Revised April 2002
CD4071BC • CD4081BC
Quad 2-Input OR Buffered B Series Gate •
Quad 2-Input AND Buffered B Series Gate
General Description
The CD4071BC and CD4081BC quad gates are monolithic
complementary MOS (CMOS) integrated circuits con-
structed with N- and P-channel enhancement mode tran-
sistors.
They
have
equal
source
and
sink
current
capabilities and conform to standard B series output drive.
The devices also have buffered outputs which improve
transfer characteristics by providing very high gain.
All inputs protected against static discharge with diodes to
VDD and VSS.
Features
s Low power TTL compatibility:
Fan out of 2 driving 74L or 1 driving 74LS
s 5V–10V–15V parametric ratings
s Symmetrical output characteristics
s Maximum input leakage 1
µA at 15V over full
temperature range
Ordering Code:
Devices are also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
CD4071B
Top View
CD4081B
Top View
Order Number
Package Number
Package Description
CD4071BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4071BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
CD4081BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4081BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Số phần tương tự - CD4071BC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
CD4071BC NSC-CD4071BC Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
National Semiconductor ...
CD4071BCJ NSC-CD4071BCJ Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4071BCM FAIRCHILD-CD4071BCM Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
National Semiconductor ...
CD4071BCN NSC-CD4071BCN Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
More results

Mô tả tương tự - CD4071BC

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
   Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B Datasheet
162Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B_15 Datasheet
169Kb / 5P
   QUAD 2-INPUT OR BUFFERED B SERIES GATE
logo
National Semiconductor ...
CD4071BM NSC-CD4071BM Datasheet
182Kb / 8P
   Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
   Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Unisonic Technologies
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
   QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
   QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com