công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STD03P bảng dữ liệu(PDF) 2 Page - Allegro MicroSystems

tên linh kiện STD03P
Giải thích chi tiết về linh kiện  Darlington Transistors for Audio Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALLEGRO [Allegro MicroSystems]
Trang chủ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STD03P bảng dữ liệu(HTML) 2 Page - Allegro MicroSystems

  STD03P Datasheet HTML 1Page - Allegro MicroSystems STD03P Datasheet HTML 2Page - Allegro MicroSystems STD03P Datasheet HTML 3Page - Allegro MicroSystems STD03P Datasheet HTML 4Page - Allegro MicroSystems STD03P Datasheet HTML 5Page - Allegro MicroSystems STD03P Datasheet HTML 6Page - Allegro MicroSystems STD03P Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Darlington Transistors for Audio Amplifiers
STD03N and
STD03P
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
All performance characteristics given are typical values for circuit or
system baseline design only and are at the nominal operating voltage and
an ambient temperature of +25°C, unless otherwise stated.
ABSOLUTE MAXIMUM RATINGS at TA = 25°C
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage1
VCBO
160
V
Collector-Emitter Voltage1
VCEO
160
V
Emitter-Base Voltage1
VEBO
5V
Collector Current1
IC
15
A
Base Current1
IB
1A
Collector Power Dissipation2
PC
160
W
Diode Forward Current
IF
10
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
–55 to150
°C
1
For PNP type (STD03P), voltage and current values are negative.
2
TC = 25°C.
SELECTION GUIDE
Part Number
Type
hFE Rating
Packing
STD03N*
NPN
Range O: 5000 to 12000
Bulk, 100 pieces
Range Y: 8000 to 20000
STD03P*
PNP
Range O: 5000 to 12000
Range Y: 8000 to 20000
*Specify hFE range when ordering. If no hFE range is specified, order will be fulfilled with either or both range O and range Y,
depending upon availability.
ELECTRICAL CHARACTERISTICS at TA = 25°C
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector-Cutoff Current1
ICBO
VCB = 160 V
100
μA
Emitter Cutoff Current1
IEBO
VEB = 5 V
100
μA
Collector-Emitter Voltage1
VCEO
IC = 30 mA
160
V
DC Current Transfer Ratio2,3
hFE
VCE = 4 V, IC = 10 A
5000
20000
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 10 A, IB = 10 mA
–2.0
V
Base-Emitter Saturation Voltage
VBE(sat)
IC = 10 A, IB = 10 mA
–2.5
V
Base-Emitter Voltage
VBE
STD03N
VCE = 20 V, IC = 40 mA
1190
mV
STD03P
VCE = –20 V, IC = –40 mA
1200
mV
Diode Forward Voltage
VF
STD03N
IF = 2.5 mA
705
mV
STD03P
IF = 2.5 mA
1540
mV
1
For PNP type (STD03P), voltage and current values are negative.
2
hFE rating: 5000 to 12000(O brand on package), 8000 to 20000 (Y).
3
When the transistor is used in pairs, the following conditions must be satisfied: Total VF ≤ Total VBE of the transistors (the above measurement
conditions shall be applied), and ΔV = 0 to 500 mV.


Số phần tương tự - STD03P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
   Darlington Transistor with built-in compensation diodes
More results

Mô tả tương tự - STD03P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STD02N SANKEN-STD02N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
STD03N SANKEN-STD03N Datasheet
343Kb / 8P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD01N SANKEN-STD01N Datasheet
290Kb / 9P
   Darlington Transistors for Audio Amplifiers
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Fairchild Semiconductor
BD159STU FAIRCHILD-BD159STU Datasheet
44Kb / 4P
   For T.V Radio Audio Output Amplifiers
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com