công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BZW03-C18 bảng dữ liệu(PDF) 7 Page - NXP Semiconductors |
|
BZW03-C18 bảng dữ liệu(HTML) 7 Page - NXP Semiconductors |
7 / 9 page 1996 May 14 7 Philips Semiconductors Product specification Voltage regulator diodes BZW03 series GRAPHICAL DATA Fig.2 Maximum total power dissipation as a function of temperature. Solid line: tie-point temperature; lead length = 10 mm. Dotted line: ambient temperature; device mounted as shown in Fig.6. handbook, halfpage 0 200 6 0 2 4 MBH447 Ptot (W) 100 T ( °C) Tj =25 °C prior to surge. Fig.3 Maximum non-repetitive peak reverse power dissipation as a function of pulse duration (square pulse). handbook, halfpage 10−2 10 102 103 104 10−1 1tp (ms) PZSM (W) 10 MBH448 Tj =25 °C prior to surge. For definition of exponential pulse see Fig.7. Fig.4 Maximum non-repetitive peak reverse power dissipation as a function of pulse duration (exponential pulse). handbook, halfpage 10−2 102 103 104 10−1 1t2 (ms) PRSM (W) 10 MBH449 Tj =25 °C. Fig.5 Forward current as a function of forward voltage; typical values. handbook, halfpage 02 6 0 2 4 MBH450 IF (A) 1 VF (V) |
Số phần tương tự - BZW03-C18 |
|
Mô tả tương tự - BZW03-C18 |