công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AAT3171 bảng dữ liệu(PDF) 3 Page - Advanced Analogic Technologies

tên linh kiện AAT3171
Giải thích chi tiết về linh kiện  High Current, High Efficiency Charge Pump with Auto-Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANALOGICTECH [Advanced Analogic Technologies]
Trang chủ  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3171 bảng dữ liệu(HTML) 3 Page - Advanced Analogic Technologies

  AAT3171 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3171 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings1
TA = 25°C, unless otherwise noted.
Thermal Information2
Symbol
Description
Value
Units
θJA
Thermal Resistance
50
°C/W
PD
Maximum Power Dissipation3
2W
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6.0
V
VEN
EN to GND Voltage
-0.3 to 6.0
V
VEN(MAX)
Maximum EN to Input Voltage
VIN + 0.3
V
IOUT
Maximum Output Current
1000
mA
TJ
Operating Temperature Range
-40 to 150
°C
TS
Storage Temperature Range
-65 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3171
High Current, High Efficiency
Charge Pump with Auto-Timer
3171.2007.03.1.1
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 20mW/°C above 40°C ambient temperature.


Số phần tương tự - AAT3171

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170 AAT-AAT3170 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analogic Techn...
AAT3170 ANALOGICTECH-AAT3170 Datasheet
377Kb / 15P
   High Current LED Flash Driver Charge Pump IC
AAT3170IWP-T1 ANALOGICTECH-AAT3170IWP-T1 Datasheet
467Kb / 15P
   High Current LED Flash Driver Charge Pump IC
logo
Advanced Analog Technol...
AAT3170IWP-T1 AAT-AAT3170IWP-T1 Datasheet
456Kb / 15P
   High Current LED Flash Driver Charge Pump IC
More results

Mô tả tương tự - AAT3171

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Analogic Techn...
AAT3177 ANALOGICTECH-AAT3177 Datasheet
776Kb / 16P
   High Current, High Efficiency Charge Pump with Auto-Timer
AAT3174 ANALOGICTECH-AAT3174 Datasheet
272Kb / 14P
   High Current, High Efficiency Charge Pump
logo
SiGe Semiconductor, Inc...
AATIAN63 SIGE-AATIAN63 Datasheet
176Kb / 4P
   High Current High Efficiency Charge Pump
logo
ON Semiconductor
NCP5603 ONSEMI-NCP5603 Datasheet
128Kb / 13P
   High Efficiency Charge Pump Converter
November, 2005 ??Rev. 1
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Fairchild Semiconductor
FAN5616 FAIRCHILD-FAN5616 Datasheet
917Kb / 14P
   High-Efficiency, Constant-Current LED Driver with Adaptive Charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119 ANALOGICTECH-AAT3119_07 Datasheet
529Kb / 18P
   High Efficiency 2X Charge Pump
logo
Maxim Integrated Produc...
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
logo
Exar Corporation
SP6683 EXAR-SP6683 Datasheet
260Kb / 14P
   1X/1.5X High Efficiency Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com