công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC-1250B4F2RH bảng dữ liệu(PDF) 5 Page - Delta Electronics, Inc.

tên linh kiện LC-1250B4F2RH
Giải thích chi tiết về linh kiện  RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DELTA [Delta Electronics, Inc.]
Trang chủ  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LC-1250B4F2RH bảng dữ liệu(HTML) 5 Page - Delta Electronics, Inc.

  LC-1250B4F2RH Datasheet HTML 1Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 2Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 3Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 4Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 5Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 6Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 7Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 8Page - Delta Electronics, Inc. LC-1250B4F2RH Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LC-1250xxxxRx Series
DELTA ELECTRONICS, INC.
5
Sep., 2006
Rev. 0E
www.deltaww.com
Recommend Circuit Schematic (LC-1250xxx1Rx)
Laser Diode
Photo-diode
1uH
1uH
0.1uF
10uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
10uF
100 ohm*
SerDes IC
3.3V
DELTA SFF Module
Preamp &
Tx_Disable
Quantizer
TD+
TD -
VeeT
RD+
RD -
Rx_SD
VeeR
VccT
VccR
Laser Driver
* Depands on SerDes IC used
150 ohm
150 ohm
50 ohm TXL
50 ohm TXL
50 ohm TXL
50 ohm TXL
SD
TxDis
82ohm
82ohm
130ohm
130 ohm
VccT
Note:
1.
270 Ohm SD Output pull-down resisters required for LVPECL SD Output.
2.
No connected for TTL SD Output.


Số phần tương tự - LC-1250B4F2RH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
   General Power Transformer
logo
LETEX TECHNOLOGY CORP.
LC-12 LETEX-LC-12 Datasheet
25Kb / 2P
   Magnetic Contact
logo
Sumida Corporation
LC-128 SUMIDA-LC-128 Datasheet
204Kb / 1P
   DC-DC CONVERTER (PIN)
LC-128 SUMIDA-LC-128 Datasheet
132Kb / 1P
   General Power Transformer
More results

Mô tả tương tự - LC-1250B4F2RH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250RJ3SR-S DELTA-LCP-1250RJ3SR-S Datasheet
361Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet with SGMII Interface
logo
Agilent(Hewlett-Packard...
HFBR-5710L HP-HFBR-5710L Datasheet
264Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Delta Electronics, Inc.
LCP-200A4HSR DELTA-LCP-200A4HSR Datasheet
151Kb / 9P
   RoHS Compliant Small Form Factor Pluggable Transceiver RoHS Compliant for ESCON, Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
Infineon Technologies A...
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
   Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
logo
Delta Electronics, Inc.
LCP-155A4HSR DELTA-LCP-155A4HSR Datasheet
200Kb / 11P
   RoHS compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
LCP-155B4JSR DELTA-LCP-155B4JSR Datasheet
290Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Fast Ethernet, ATM, SONET OC-3/SDH STM-1
logo
JDS Uniphase Corporatio...
PL-KP1-00-000-06 JDSU-PL-KP1-00-000-06 Datasheet
461Kb / 6P
   RoHS-Compliant Small Form Factor Solder-Down Cage
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com