công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74V225-20PAG bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện SN74V225-20PAG
Giải thích chi tiết về linh kiện  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN74V225-20PAG bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button SN74V225-20PAG Datasheet HTML 6Page - Texas Instruments SN74V225-20PAG Datasheet HTML 7Page - Texas Instruments SN74V225-20PAG Datasheet HTML 8Page - Texas Instruments SN74V225-20PAG Datasheet HTML 9Page - Texas Instruments SN74V225-20PAG Datasheet HTML 10Page - Texas Instruments SN74V225-20PAG Datasheet HTML 11Page - Texas Instruments SN74V225-20PAG Datasheet HTML 12Page - Texas Instruments SN74V225-20PAG Datasheet HTML 13Page - Texas Instruments SN74V225-20PAG Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
Table 3. Status Flags for FWFT Mode
NUMBER OF WORDS IN FIFO
IR
PAF
HF
PAE
OR
SN74V215
SN74V225
SN74V235
SN74V245
IR
PAF
HF
PAE
OR
0
0
0
0
L
H
H
L
H
1 to (n+1)†
1 to (n+1)†
1 to (n+1)†
1 to (n+1)†
L
H
H
L
L
(n+2) to 257
(n+2) to 513
(n+2) to 1025
(n+2) to 2049
L
H
H
H
L
258 to [513–(m+1)]‡
514 to [1025–(m+1)]‡
1026 to [2049–(m+1)]‡
2050 to [4097–(m+1)]‡
L
H
L
H
L
(513–m) to 512
(1025–m) to 1024
(2049–m) to 2048
(4097–m) to 4096
L
L
L
H
L
513
1025
2049
4097
H
L
L
H
L
† n = Empty offset (SN74V215 n = 63; SN74V225, SN74V235, and SN74V245 n = 127)
‡ m = Full offset (SN74V215 m = 63; SN74V225, SN74V235, and SN74V245 m = 127)
STANDARD MODE
In this mode, status flags FF, PAF, HF, PAE, and EF operate in the manner outlined in Table 4. To write data into
the FIFO, write enable (WEN) must be low. Data presented to the data-in lines is clocked into the FIFO on
subsequent transitions of the write clock (WCLK). After the first write is performed, the empty flag (EF) goes
high. Subsequent writes continue to fill the FIFO. The programmable almost-empty flag (PAE) goes high after
n + 1 words have been loaded into the FIFO, where n is the empty offset value. The default setting for this value
is stated in the footnote of Table 4. This parameter also is user programmable. See the Programmable Flag
Offset Loading section.
If data continues to be written into the FIFO, and no read operations are taking place, the half-full flag (HF)
switches to low when the 257th (SN74V215), 513th (SN74V225), 1025th (SN74V235), and 2049th (SN74V245)
word, is written into the FIFO. Continuing to write data into the FIFO causes the programmable almost-full flag
(PAF) to go low. Again, if no reads are performed, PAF goes low after (512 – m) writes for the SN74V215, (1024
– m) writes for the SN74V225, (2048 – m) writes for the SN74V235 and (4096 – m) writes for the SN74V245.
Offset m is the full offset value. This parameter also is user programmable. See the Programmable Flag Offset
Loading section. If there is no full offset specified, PAF is low when the device is 63 away from full for SN74V215,
and 127 away from full for the SN74V225, SN74V235, and SN74V245.
When the FIFO is full, the full flag (FF) goes low, inhibiting further write operations. If no reads are performed
after a reset, FF goes low after D writes to the FIFO. D = 512 for the SN74V215, 1024 for the SN74V225, 2048
for the SN74V235, and 4096 for the SN74V245.
If the FIFO is full, the first read operation causes FF to go high. Subsequent read operations cause PAF and
the half-full flag (HF) to go high under the conditions described in Table 4. If further read operations occur,
without write operations, the programmable almost-empty flag (PAE) goes low when there are n words in the
FIFO, where n is the empty offset value. If there is no empty offset specified, PAE is low when the device is 63
away from completely empty for SN74V215, and 127 away from completely empty for SN74V225, SN74V235,
and SN74V245. Continuing read operations cause the FIFO to be empty. When the last word has been read
from the FIFO, EF goes low, inhibiting further read operations. REN is ignored when the FIFO is empty.


Số phần tương tự - SN74V225-20PAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V225-20PAG TI-SN74V225-20PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Mô tả tương tự - SN74V225-20PAG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com