công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCV7356 bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện NCV7356
Giải thích chi tiết về linh kiện  Single Wire CAN Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7356 bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button NCV7356_07 Datasheet HTML 2Page - ON Semiconductor NCV7356_07 Datasheet HTML 3Page - ON Semiconductor NCV7356_07 Datasheet HTML 4Page - ON Semiconductor NCV7356_07 Datasheet HTML 5Page - ON Semiconductor NCV7356_07 Datasheet HTML 6Page - ON Semiconductor NCV7356_07 Datasheet HTML 7Page - ON Semiconductor NCV7356_07 Datasheet HTML 8Page - ON Semiconductor NCV7356_07 Datasheet HTML 9Page - ON Semiconductor NCV7356_07 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NCV7356
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (VBAT = 5.0 to 27 V, TA = −40 to +125°C, unless otherwise specified.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
GENERAL
Undervoltage Lock Out
VBATuv
3.5
4.8
V
Supply Current, Recessive,
All Active Modes
IBATN
VBAT = 18 V,
TxD Open
Not High Speed Mode
5.0
6.0
mA
High Speed Mode
8.0
Normal Mode Supply Current,
Dominant
IBATN
(Note 10)
VBAT = 27 V, MODE0 = MODE1 = H,
TxD = L, Rload = 200 W
30
35
mA
High−Speed Mode Supply Current,
Dominant
IBATN
(Note 10)
VBAT = 16 V, MODE0 = H, MODE1 = L,
TxD = L, Rload = 75 W
70
75
mA
Wake−Up Mode Supply Current,
Dominant
IBATW
(Note 10)
VBAT = 27 V,
MODE0 = L, MODE1 = H,
TxD = L, Rload = 200 W
60
75
mA
Sleep Mode Supply Current (Note 9)
IBATS
VBAT = 13 V, TA = 85°C,
TxD, RxD, MODE0,
MODE1 Open
30
60
mA
Thermal Shutdown (Note 10)
TSD
155
180
°C
Thermal Recovery (Note 10)
TREC
126
150
°C
CANH
Bus Output Voltage
Voh
RL > 200 W, Normal Mode
6.0 V < VBAT < 27 V
4.4
5.1
V
Bus Output Voltage
Low Battery
Voh
RL > 200 W, Normal High−Speed Mode
5.0 V < VBAT < 6.0 V
3.4
5.1
V
Bus Output Voltage
High−Speed Mode
Voh
RL > 75 W, High−Speed Mode
8.0 V < VBAT < 16 V
4.2
5.1
V
HV Fixed Wake−Up
Output High Voltage
VohWuFix
Wake−Up Mode, RL > 200 W,
11.4 V < VBAT < 27 V
9.9
12.5
V
HV Offset Wake−Up
Output High Voltage
VohWuOffset
Wake−Up Mode, RL > 200 W,
5.0 V < VBAT < 11.4 V
VBAT –1.5
VBAT
V
Recessive State
Output Voltage
Vol
Recessive State or Sleep Mode,
Rload = 6.5 kW
−0.20
0.20
V
Bus Short Circuit Current
−ICAN_SHORT
VCANH = 0 V, VBAT = 27 V, TxD = 0 V
50
350
mA
Bus Leakage Current
During Loss of Ground
ILKN_CAN
(Note 11)
Loss of Ground, VCANH = 0 V
−50
10
mA
Bus Leakage Current, Bus Positive
ILKP_CAN
TxD High
−10
10
mA
Bus Input Threshold
Vih
Normal, High−Speed Mode, HVWU
6.0
v VBAT v 27 V
2.0
2.1
2.2
V
Bus Input Threshold Low Battery
Vihlb
Normal, VBAT = 5.0 V to 6.0 V
1.6
1.7
2.2
V
Fixed Wake−Up from Sleep
Input High Voltage Threshold
VihWuFix
(Note 10)
Sleep Mode, VBAT > 10.9 V
6.6
7.9
V
Offset Wake−Up from Sleep
Input High Voltage Threshold
VihWuOffset
(Note 10)
Sleep Mode
VBAT −4.3
VBAT −3.25
V
LOAD
Voltage on Switched Ground Pin
VLOAD_1mA
ILOAD = 1.0 mA
0.1
V
Voltage on Switched Ground Pin
VLOAD
ILOAD = 5.0 mA
0.5
V
Voltage on Switched Ground Pin
VLOAD_LOB
ILOAD = 7.0 mA, VBAT = 0 V
1.0
V
Load Resistance During Loss of
Battery
RLOAD_LOB
VBAT = 0
RLOAD
−10%
RLOAD
+35%
W
9. Characterization data supports IBATS < 65 mA with conditions VBAT = 18 V, TA = 125°C
10. Thresholds not tested in production, guaranteed by design.
11. Leakage current in case of loss of ground is the summary of both currents ILKN_CAN and ILKN_LOAD.


Số phần tương tự - NCV7356_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCV7356D ONSEMI-NCV7356D Datasheet
90Kb / 14P
   Single Wire CAN Transceiver
September, 2004 ??Rev. P2
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
206Kb / 24P
   Single Wire CAN Transceiver
September, 2016 ??Rev. 12
NCV7356D1G ONSEMI-NCV7356D1G Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
More results

Mô tả tương tự - NCV7356_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com