công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYV2100 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện BYV2100
Giải thích chi tiết về linh kiện  Fast soft-recovery controlled avalanche rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV2100 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  BYV2100 Datasheet HTML 1Page - NXP Semiconductors BYV2100 Datasheet HTML 2Page - NXP Semiconductors BYV2100 Datasheet HTML 3Page - NXP Semiconductors BYV2100 Datasheet HTML 4Page - NXP Semiconductors BYV2100 Datasheet HTML 5Page - NXP Semiconductors BYV2100 Datasheet HTML 6Page - NXP Semiconductors BYV2100 Datasheet HTML 7Page - NXP Semiconductors BYV2100 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Oct 07
3
Philips Semiconductors
Product specification
Fast soft-recovery
controlled avalanche rectifier
BYV2100
ELECTRICAL CHARACTERISTICS
Tj =25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of Cu-layer
≥40 µm, see Fig.12.
For more information please refer to the
“General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VF
forward voltage
IF = 2 A; Tj =Tj max; see Fig.5
−−
0.78
V
IF = 2 A; see Fig.5
−−
0.98
V
V(BR)R
reverse avalanche
breakdown voltage
IR = 0.1 mA
120
−−
V
IR
reverse current
VR =VRRMmax;
see Fig.8
−−
5
µA
VR =VRRMmax; Tj = 165 °C;
see Fig.8
−−
150
µA
trr
reverse recovery time
when switched from IF = 0.5 A
to IR = 1 A; measured at
IR = 0.25 A; see Fig.10
−−
12.5
ns
Cd
diode capacitance
f = 1 MHz; VR = 0 V; see Fig.9
135
pF
maximum slope of reverse
recovery current
when switched from
IF = 1 A to VR ≥ 30 V and
dIF/dt = −1A/µs; see Fig.11
−−
2A/
µs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length = 10 mm
46
K/W
Rth j-a
thermal resistance from junction to ambient
note 1
100
K/W
dI
R
dt
--------


Số phần tương tự - BYV2100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
New Jersey Semi-Conduct...
BYV21 NJSEMI-BYV21 Datasheet
143Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
BYV21-30 NJSEMI-BYV21-30 Datasheet
143Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
BYV21-35 NJSEMI-BYV21-35 Datasheet
143Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
BYV21-40 NJSEMI-BYV21-40 Datasheet
143Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
BYV21-40A NJSEMI-BYV21-40A Datasheet
143Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
More results

Mô tả tương tự - BYV2100

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com