công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BYV143F bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BYV143F
Giải thích chi tiết về linh kiện  Rectifier diodes schottky barrier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYV143F bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BYV143F Datasheet HTML 1Page - NXP Semiconductors BYV143F Datasheet HTML 2Page - NXP Semiconductors BYV143F Datasheet HTML 3Page - NXP Semiconductors BYV143F Datasheet HTML 4Page - NXP Semiconductors BYV143F Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BYV143F series
schottky barrier
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Dual, low leakage, platinum barrier,
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
UNIT
schottky rectifier diodes in a full pack
plastic
envelope,
featuring
low
BYV143F-
35
40
45
forward voltage drop, absence of
V
RRM
Repetitive peak reverse
35
40
45
V
stored
charge.
and
guaranteed
voltage
reverse surge capability. The devices
V
F
Forward voltage
0.62
0.62
0.62
V
are intended for use in switched mode
I
O(AV)
Average output current
20
20
20
A
power supplies and high frequency
(both diodes conducting)
circuits
in
general
where
low
conduction and zero switching losses
are important.
PINNING - SOT186
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
anode 1 (a)
2
cathode (k)
3
anode 2 (a)
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-35
-40
-45
V
RRM
Repetitive peak reverse voltage
-
35
40
45
V
V
RWM
Crest working reverse voltage
-
35
40
45
V
V
R
Continuous reverse voltage
T
hs ≤ 112 ˚C
-
35
40
45
V
I
O(AV)
Average output current (both
square wave;
δ = 0.5;
-
20
A
diodes conducting)
T
hs ≤ 87 ˚C
I
O(RMS)
RMS output current (both
-
20
A
diodes conducting)
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
30
A
per diode
T
hs ≤ 87 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
100
A
current, per diode
t = 8.3 ms
-
110
A
sinusoidal T
j = 125 ˚C prior
to surge; with reapplied
V
RRM(max)
I
2tI2t for fusing
t = 10 ms
-
50
A
2s
I
RRM
Repetitive peak reverse current t
p = 2 µs; δ = 0.001
-
1
A
per diode.
I
RSM
Non-repetitive peak reverse
t
p = 100 µs-
1
A
current per diode.
T
stg
Storage temperature
-65
175
˚C
T
j
Operating junction temperature
-
150
˚C
12 3
case
k
a1
a2
1
2
3
August 1996
1
Rev 1.100


Số phần tương tự - BYV143F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
BYV143 SEME-LAB-BYV143 Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
BYV143-40AM SEME-LAB-BYV143-40AM Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
BYV143-40MA SEME-LAB-BYV143-40MA Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
BYV143-40RM SEME-LAB-BYV143-40RM Datasheet
17Kb / 2P
   DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
More results

Mô tả tương tự - BYV143F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
SBT20 EIC-SBT20 Datasheet
28Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
ERA83-004 EIC-ERA83-004 Datasheet
33Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB81-004 EIC-ERB81-004 Datasheet
43Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
ERB83-004 EIC-ERB83-004 Datasheet
44Kb / 2P
   SCHOTTKY-BARRIER RECTIFIER DIODES
SB315SVF EIC-SB315SVF Datasheet
32Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
1N5817 EIC-1N5817 Datasheet
16Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
NXP Semiconductors
PBYL1025B PHILIPS-PBYL1025B Datasheet
45Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYL1625B PHILIPS-PBYL1625B Datasheet
47Kb / 5P
   Rectifier diodes Schottky barrier
October 1998 Rev 1.100
PBYR1045F PHILIPS-PBYR1045F Datasheet
41Kb / 6P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
PBYR1645B PHILIPS-PBYR1645B Datasheet
37Kb / 5P
   Rectifier diodes Schottky barrier
July 1998 Rev 1.200
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com