công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD1870 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện AD1870
Giải thích chi tiết về linh kiện  Single-Supply 16-Bit Stereo ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD1870 bảng dữ liệu(HTML) 3 Page - Analog Devices

  AD1870 Datasheet HTML 1Page - Analog Devices AD1870 Datasheet HTML 2Page - Analog Devices AD1870 Datasheet HTML 3Page - Analog Devices AD1870 Datasheet HTML 4Page - Analog Devices AD1870 Datasheet HTML 5Page - Analog Devices AD1870 Datasheet HTML 6Page - Analog Devices AD1870 Datasheet HTML 7Page - Analog Devices AD1870 Datasheet HTML 8Page - Analog Devices AD1870 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DIGITAL I/O
Min
Typ
Max
Unit
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 5 V)
10
µA
Input Leakage (IIL @ VIL = 0 V)
10
µA
Output Voltage HI (VOH @ IOH = –2 mA)
2.4
V
Output Voltage LO (VOL @ IOL = 2 mA)
0.4
V
Input Capacitance
15
pF
DIGITAL TIMING (Guaranteed over –40
°C to +85°C, DV
DD = AVDD = 5 V
± 5%. Refer to Figures 17–19.)
Min
Typ
Max
Unit
tCLKIN
CLKIN Period
48
81
780
ns
fCLKIN
CLKIN Frequency (1/tCLKIN)
1.28
12.288
20.48
MHz
tCPWL
CLKIN LO Pulsewidth
15
ns
tCPWH
CLKIN HI Pulsewidth
15
ns
tRPWL
RESET LO Pulsewidth
50
ns
tBPWL
BCLK LO Pulsewidth
15
ns
tBPWH
BCLK HI Pulsewidth
15
ns
tDLYCKB
CLKIN Rise to BCLK Xmit (Master Mode)
15
ns
tDLYBLR
BCLK Xmit to L
RCK Transition (Master Mode)
15
ns
tDLYBWR
BCLK Xmit to WCLK Rise
10
ns
tDLYBWF
BCLK Xmit to WCLK Fall
10
ns
tDLYDT
BCLK Xmit to DATA/TAG Valid (Master Mode)
10
ns
tSETLRBS
L
RCK Setup to BCLK Sample (Slave Mode)
10
ns
tDLYLRDT
L
RCK Transition to DATA/TAG Valid (Slave Mode)
No MSB Delay Mode (for MSB Only)
40
ns
tSETWBS
WCLK Setup to BCLK Sample (Slave Mode)
Data Position Controlled by WCLK Input Mode
10
ns
tDLYBDT
BCLK Xmit to DATA/TAG Valid (Slave Mode)
All Bits Except MSB in No MSB Delay Mode
All Bits in MSB Delay Mode
40
ns
POWER
Min
Typ
Max
Unit
Supplies
Voltage, Analog and Digital
4.75
5
5.25
V
Analog Current
43
52
mA
Analog Current–Power-Down (CLKIN Running)
25
µA
Digital Current
9.3
12
mA
Digital Current–Power-Down (CLKIN Running)
50
µA
Dissipation
Operation–Both Supplies
263
315
mW
Operation–Analog Supply
216
260
mW
Operation–Digital Supply
47
55
mW
Power-Down–Both Supplies (CLKIN Running)
375
µW
Power-Down–Both Supplies (CLKIN Not Running)
375
µW
Power Supply Rejection (See TPC 5)
1 kHz 300 mV p-p Signal at Analog Supply Pins
90
dB
20 kHz 300 mV p-p Signal at Analog Supply Pins
68
dB
Stop Band (>0.55
× fS)—any 300 mV p-p Signal
110
dB
AD1870
REV. A
–3–


Số phần tương tự - AD1870

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
More results

Mô tả tương tự - AD1870

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_1 Datasheet
200Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Asahi Kasei Microsystem...
AK5701 AKM-AK5701 Datasheet
470Kb / 62P
   PLL & MIC-AMP 16-Bit Stereo ADC
logo
Maxim Integrated Produc...
MAX1132 MAXIM-MAX1132 Datasheet
388Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2083; Rev 0; 8/01
MAX1132ACAP MAXIM-MAX1132ACAP Datasheet
252Kb / 19P
   16-Bit ADC, 200ksps, 5V Single-Supply with Reference
Rev 0; 8/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com