công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD629BRZ-RL bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD629BRZ-RL
Giải thích chi tiết về linh kiện  High Common-Mode Voltage, Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD629BRZ-RL bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD629BRZ-RL Datasheet HTML 6Page - Analog Devices AD629BRZ-RL Datasheet HTML 7Page - Analog Devices AD629BRZ-RL Datasheet HTML 8Page - Analog Devices AD629BRZ-RL Datasheet HTML 9Page - Analog Devices AD629BRZ-RL Datasheet HTML 10Page - Analog Devices AD629BRZ-RL Datasheet HTML 11Page - Analog Devices AD629BRZ-RL Datasheet HTML 12Page - Analog Devices AD629BRZ-RL Datasheet HTML 13Page - Analog Devices AD629BRZ-RL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD629
Rev. B | Page 10 of 16
APPLICATIONS
BASIC CONNECTIONS
Figure 30 shows the basic connections for operating the AD629
with a dual supply. A supply voltage of between ±3 V and ±18 V
is applied between Pin 7 and Pin 4. Both supplies should be
decoupled close to the pins using 0.1 μF capacitors. Electrolytic
capacitors of 10 μF, also located close to the supply pins, may be
required if low frequency noise is present on the power supply.
While multiple amplifiers can be decoupled by a single set of
10 μF capacitors, each in amp should have its own set of 0.1 μF
capacitors so that the decoupling point can be located right at
the IC’s power pins.
REF (–)
REF (+)
–VS
–VS
+VS
+VS
VOUT = ISHUNT × RSHUNT
NC
–IN
+IN
RSHUNT
ISHUNT
(SEE
TEXT)
(SEE
TEXT)
0.1µF
0.1µF
+3V TO +18V
–3V TO –18V
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
Figure 30. Basic Connections
The differential input signal, which typically results from a load
current flowing through a small shunt resistor, is applied to
Pin 2 and Pin 3 with the polarity shown to obtain a positive
gain. The common-mode range on the differential input signal
can range from −270 V to +270 V, and the maximum differential
range is ±13 V. When configured as shown in Figure 30, the
device operates as a simple gain-of-1, differential-to-single-
ended amplifier; the output voltage being the shunt resistance
times the shunt current. The output is measured with respect to
Pin 1 and Pin 5.
Pin 1 and Pin 5 (REF(–) and REF(+)) should be grounded for a
gain of unity and should be connected to the same low impedance
ground plane. Failure to do this results in degraded common-
mode rejection. Pin 8 is a no connect pin and should be left open.
SINGLE-SUPPLY OPERATION
Figure 31 shows the connections for operating the AD629 with
a single supply. Because the output can swing to within only
about 2 V of either rail, it is necessary to apply an offset to the
output. This can be conveniently done by connecting REF(+)
and REF(–) to a low impedance reference voltage (some ADCs
provide this voltage as an output), which is capable of sinking
current. Therefore, for a single supply of 10 V, VREF may be set
to 5 V for a bipolar input signal. This allows the output to swing
±3 V around the central 5 V reference voltage. Alternatively, for
unipolar input signals, VREF can be set to about 2 V, allowing the
output to swing from 2 V (for a 0 V input) to within 2 V of the
positive rail.
REF (–)
REF (+)
–VS
VY
VX
+VS
+VS
NC
–IN
+IN
RSHUNT
ISHUNT
0.1µF
NC = NO CONNECT
21.1kΩ
380kΩ
380kΩ
20kΩ
380kΩ
AD629
1
2
3
4
8
7
6
5
OUTPUT = VOUT – VREF
VREF
Figure 31. Operation with a Single Supply
Applying a reference voltage to REF(+) and REF(–) and
operating on a single supply reduces the input common-mode
range of the AD629. The new input common-mode range
depends upon the voltage at the inverting and noninverting
inputs of the internal operational amplifier, labeled VX and VY
in Figure 31. These nodes can swing to within 1 V of either rail.
Therefore, for a (single) supply voltage of 10 V, VX and VY can
range between 1 V and 9 V. If VREF is set to 5 V, the permissible
common-mode range is +85 V to –75 V. The common-mode
voltage ranges can be calculated by
VCM (±) = 20 VX/VY(±) − 19 VREF
SYSTEM-LEVEL DECOUPLING AND GROUNDING
The use of ground planes is recommended to minimize the
impedance of ground returns (and therefore the size of dc
errors). Figure 32 shows how to work with grounding in a
mixed-signal environment, that is, with digital and analog
signals present. To isolate low level analog signals from a noisy
digital environment, many data acquisition components have
separate analog and digital ground returns. All ground pins
from mixed-signal components, such as ADCs, should return
through a low impedance analog ground plane. Digital ground
lines of mixed-signal converters should also be connected to the
analog ground plane. Typically, analog and digital grounds
should be separated; however, it is also a requirement to
minimize the voltage difference between digital and analog
grounds on a converter, to keep them as small as possible
(typically <0.3 V). The increased noise, caused by the
converter’s digital return currents flowing through the analog
ground plane, is typically negligible. Maximum isolation
between analog and digital is achieved by connecting the ground
planes back at the supplies. Note that Figure 32 suggests a “star”
ground system for the analog circuitry, with all ground lines
being connected, in this case, to the ADC’s analog ground.
However, when ground planes are used, it is sufficient to
connect ground pins to the nearest point on the low impedance
ground plane.


Số phần tương tự - AD629BRZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD629BR AD-AD629BR Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL AD-AD629BR-REEL Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
AD629BR-REEL7 AD-AD629BR-REEL7 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
More results

Mô tả tương tự - AD629BRZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com