công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBSG53A bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện NBSG53A
Giải thích chi tiết về linh kiện  2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip?묯lop/Clock Divider with Reset and OLS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG53A bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  NBSG53A_06 Datasheet HTML 1Page - ON Semiconductor NBSG53A_06 Datasheet HTML 2Page - ON Semiconductor NBSG53A_06 Datasheet HTML 3Page - ON Semiconductor NBSG53A_06 Datasheet HTML 4Page - ON Semiconductor NBSG53A_06 Datasheet HTML 5Page - ON Semiconductor NBSG53A_06 Datasheet HTML 6Page - ON Semiconductor NBSG53A_06 Datasheet HTML 7Page - ON Semiconductor NBSG53A_06 Datasheet HTML 8Page - ON Semiconductor NBSG53A_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NBSG53A
http://onsemi.com
4
Table 5. ATTRIBUTES
Characteristics
Value
Positive Operating Voltage Range for VCC (VEE = 0 V)
2.375 V to 3.465 V
Negative Operating Voltage Range for VEE (VCC = 0 V)
−2.375 V to −3.465 V
Internal Input Pulldown Resistor (R, SEL)
75 k
W
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1.5 kV
> 50 V
> 4 kV
Moisture Sensitivity (Note 5)
16−FCBGA
16−QFN
Level 3
Level 1
Flammability Rating
UL 94 V−0 @ 0.125 in
Oxygen Index
28 to 34
Transistor Count
482
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
5. For additional information, refer to Application Note AND8003/D.
Table 6. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
−3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI v VCC
VI w VEE
3.6
−3.6
V
V
VINPP
Differential Input Voltage
|D − D|
VCC − VEE w 2.8 V
VCC − VEE <
2.8 V
2.8
|VCC − VEE|
V
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
IOUT
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
16 FCBGA
16 QFN
−40 to +70
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
(Note 6)
0 LFPM
500 LFPM
0 LFPM
500 LFPM
16 FCBGA
16 FCBGA
16 QFN
16 QFN
108
86
41.6
35.2
°C/W
°C/W
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
2S2P (Note 6)
2S2P (Note 7)
16 FCBGA
16 QFN
5.0
4.0
°C/W
°C/W
Tsol
Wave Solder
Pb (BGA)
Pb (QFN)
Pb−Free (QFN)
< 15 sec
< 3 sec @ 248
°C
< 3 sec @ 260
°C
225
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
6. JEDEC standard 51−6, multilayer board − 2S2P (2 signal, 2 power).
7. JEDEC standard multilayer board − 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.


Số phần tương tự - NBSG53A_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG53ABA ONSEMI-NBSG53ABA Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABAEVB ONSEMI-NBSG53ABAEVB Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53ABAR2 ONSEMI-NBSG53ABAR2 Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53AMN ONSEMI-NBSG53AMN Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
NBSG53AMNG ONSEMI-NBSG53AMNG Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
More results

Mô tả tương tự - NBSG53A_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG53A ONSEMI-NBSG53A Datasheet
133Kb / 18P
   2.5V/3.3V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider with Reset and OLS
March, 2004 ??Rev. 5
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC100LVEL29 ONSEMI-MC100LVEL29_06 Datasheet
120Kb / 6P
   3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
November, 2006 ??Rev. 5
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
NBSG53A ONSEMI-NBSG53A_14 Datasheet
167Kb / 17P
   2.5 V/3.3 V SiGe Selectable Differential Clock and Data D Flip-Flop/Clock Divider
June, 2014 ??Rev. 15
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
NLSF1174 ONSEMI-NLSF1174_06 Datasheet
82Kb / 6P
   Hex D Flip?묯lop with Common Clock and Reset
May, 2006 ??Rev. 5
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com