công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBSG14 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện NBSG14
Giải thích chi tiết về linh kiện  2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG14 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  NBSG14_06 Datasheet HTML 1Page - ON Semiconductor NBSG14_06 Datasheet HTML 2Page - ON Semiconductor NBSG14_06 Datasheet HTML 3Page - ON Semiconductor NBSG14_06 Datasheet HTML 4Page - ON Semiconductor NBSG14_06 Datasheet HTML 5Page - ON Semiconductor NBSG14_06 Datasheet HTML 6Page - ON Semiconductor NBSG14_06 Datasheet HTML 7Page - ON Semiconductor NBSG14_06 Datasheet HTML 8Page - ON Semiconductor NBSG14_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NBSG14
http://onsemi.com
3
50
W
50
W
VTCLK
CLK
CLK
VTCLK
VEE
VCC
Figure 3. Logic Diagram
75 K
W
75 K
W
36.5 K
W
Q3
Q3
Q2
Q2
Q1
Q1
Q0
Q0
Table 2. INTERFACING OPTIONS
INTERFACING OPTIONS
CONNECTIONS
CML
Connect VTCLK and VTCLK to VCC
LVDS
Connect VTCLK and VTCLK Together
AC−COUPLED
Bias VTCLK and VTCLK Inputs within
Common Mode Range (VIHCMR)
RSECL, PECL, NECL
Standard ECL Termination Techniques
LVTTL, LVCMOS
An External Voltage (VTHR) should be Applied to the
Unused Differential Input. Nominal VTHR is 1.5 V for LVTTL
and VCC/2 for LVCMOS Inputs. This Voltage must be
within the VTHR Specification.
Table 3. ATTRIBUTES
Characteristics
Value
Value
Internal Input Pulldown Resistor (CLK, CLK)
75 k
W
Internal Input Pullup Resistor (CLK)
36.5 k
W
ESD Protection
Human Body Model
Machine Model
> 2 kV
> 100 V
Moisture Sensitivity (Note 1)
Pb Pkg
Pb−Free Pkg
FCBGA−16
QFN−16
Level 3
Level 1
N/A
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
158
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


Số phần tương tự - NBSG14_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG14BA ONSEMI-NBSG14BA Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAEVB ONSEMI-NBSG14BAEVB Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14BAR2 ONSEMI-NBSG14BAR2 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14MN ONSEMI-NBSG14MN Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14MNG ONSEMI-NBSG14MNG Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
More results

Mô tả tương tự - NBSG14_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com