công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NBSG11 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện NBSG11
Giải thích chi tiết về linh kiện  2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG11 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  NBSG11_06 Datasheet HTML 1Page - ON Semiconductor NBSG11_06 Datasheet HTML 2Page - ON Semiconductor NBSG11_06 Datasheet HTML 3Page - ON Semiconductor NBSG11_06 Datasheet HTML 4Page - ON Semiconductor NBSG11_06 Datasheet HTML 5Page - ON Semiconductor NBSG11_06 Datasheet HTML 6Page - ON Semiconductor NBSG11_06 Datasheet HTML 7Page - ON Semiconductor NBSG11_06 Datasheet HTML 8Page - ON Semiconductor NBSG11_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NBSG11
http://onsemi.com
2
Figure 1. BGA−16 Pinout (Top View)
VTCLK
CLK
CLK
VEE
VTCLK
NC
VEE
NC
NC
Q1
VCC
VCC
NC
Q0
Q0
Q1
A
B
C
D
12
3
4
VEE
NC
NC
VCC
VEE
NC
NC
VCC
Q0
Q0
Q1
Q1
VTCLK
CLK
CLK
VTCLK
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NBSG11
Exposed Pad (EP)
Figure 2. QFN−16 Pinout (Top View)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
BGA
QFN
D1
1
VTCLK
Internal 50
W Termination Pin. See Table 2.
C1
2
CLK
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Inverted Differential Input. Internal 75 k
W to VEE and 36.5 kW to VCC.
B1
3
CLK
ECL, CML,
LVCMOS, LVDS,
LVTTL Input
Noninverted Differential Input. Internal 75 k
W to VEE.
A1
4
VTCLK
Internal 50
W Termination Pin. See Table 2.
B2,C2
5,16
VEE
Negative Supply Voltage
A2,A3,D2,
D3
6,7,14,15
NC
No Connect
B3,C3
8,13
VCC
Positive Supply Voltage
A4
9
Q1
RSECL Output
Inverted Differential Output 1. Typically Terminated with 50
W to
VTT = VCC − 2.0 V.
B4
10
Q1
RSECL Output
Noninverted Differential Output 1. Typically Terminated with 50
W to
VTT = VCC − 2.0 V.
C4
11
Q0
RSECL Output
Inverted Differential output 0. Typically Terminated with 50
W to
VTT = VCC − 2.0 V.
D4
12
Q0
RSECL Output
Noninverted Differential Output 0. Typically Terminated with 50
W to
VTT = VCC − 2 V.
N/A
EP
Exposed Pad (Note 2)
1. The NC pins are electrically connected to the die and must be left open.
2. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation. The thermally exposed pad on package
bottom (see case drawing) must be attached to a heat−sinking conduit.
3. In the differential configuration when the input termination pins (VTCLK, VTCLK) are connected to a common termination voltage, and
if no signal is applied then the device will be susceptible to self−oscillation.


Số phần tương tự - NBSG11_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG111BA ONSEMI-NBSG111BA Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
NBSG111BA ONSEMI-NBSG111BA Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
NBSG111BAR2 ONSEMI-NBSG111BAR2 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
More results

Mô tả tương tự - NBSG11_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11_14 Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com