công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BC212B bảng dữ liệu(PDF) 1 Page - Fairchild Semiconductor

tên linh kiện BC212B
Giải thích chi tiết về linh kiện  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC212B bảng dữ liệu(HTML) 1 Page - Fairchild Semiconductor

  BC212B Datasheet HTML 1Page - Fairchild Semiconductor BC212B Datasheet HTML 2Page - Fairchild Semiconductor BC212B Datasheet HTML 3Page - Fairchild Semiconductor BC212B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, October 2002
Absolute Maximum Ratings* T
C=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1. These ratings are based on a maximum junction temperature of 150
°C.
2. These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
50
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
- Continuous
100
mA
TJ, TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
Off Characteristics
BVCEO
Collector-Emitter Breakdown Voltage
IC = 2mA
50
V
BVCBO
Collector-Base Breakdown Voltage
IC = 10µA60
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10µA5
V
ICBO
Collector Cut-off Current
VCB = 30V
15
nA
IEBO
Emitter Cut-off Current
VEB = 4V
15
nA
On Characteristics*
hFE
DC Current Gain
VCE = 5V, IC = 10µA
VCE = 5V, IC = 2mA
40
60
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 100mA, IB = 5mA
0.6
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 100mA, IB = 5mA
1.4
V
VBE(on)
Base-Emitter On Voltage
VCE = 5V, IC = 2mA
0.6
0.72
V
Small Signal Characteristics
Cob
Output Capacitance
VCE = 10V, f = 1MHz
6
pF
hfe
Small Signal Current Gain
VCE = 5V, IC = 2mA, f = 1KHz
200
400
NF
Noise Figure
VCE = 5V, IC = 200µA, f = 1KHz
RG = 2KΩ, BW = 200Hz
10
dB
BC212B
PNP General Purpose Amplifier
• This device is designed for general purpose amplifier application at
collector currents to 100mA.
• Sourced from process 68.
1. Collector 2. Base 3. Emitter
TO-92
1


Số phần tương tự - BC212B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
BC212B MOTOROLA-BC212B Datasheet
107Kb / 4P
   Amlifier Transistors (PNP)
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
SeCoS Halbleitertechnol...
BC212B SECOS-BC212B Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
List of Unclassifed Man...
BC212B ETC2-BC212B Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Central Semiconductor C...
BC212B CENTRAL-BC212B Datasheet
138Kb / 3P
   SILICON PNP TRANSISTORS
19-May 2017
More results

Mô tả tương tự - BC212B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com