công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74AC109 bảng dữ liệu(PDF) 7 Page - Fairchild Semiconductor

tên linh kiện 74AC109
Giải thích chi tiết về linh kiện  Dual JK Positive Edge-Triggered Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC109 bảng dữ liệu(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC109_07 Datasheet HTML 3Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 4Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 5Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 6Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 7Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 8Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 9Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 10Page - Fairchild Semiconductor 74AC109_07 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC109, 74ACT109 Rev. 1.5
7
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V ± 0.5V
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ. Max.
Min.
Max.
fMAX
Maximum Clock Frequency
5.0
145
210
125
MHz
tPLH
Propagation Delay,
CPn to Qn or Qn
5.0
4.0
7.0
11.0
3.5
13.0
ns
tPHL
Propagation Delay,
CPn to Qn or Qn
5.0
3.0
6.0
10.0
2.5
11.5
ns
tPLH
Propagation Delay,
CDn or SDn to Qn or Qn
5.0
2.5
5.5
9.5
2.0
10.5
ns
tPHL
Propagation Delay
5.0
2.5
6.0
10.0
2.0
11.5
ns
CDn or SDn to Qn or Qn
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Jn or Kn to CPn
5.0
0.5
2.0
2.5
ns
tH
Hold Time, HIGH or LOW,
Jn or Kn to CPn
5.0
0
2.0
2.0
ns
tW
Pulse Width,
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
trec
Recovery Time,
CDn or SDn to CPn
5.0
–2.5
0
0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
35.0
pF


Số phần tương tự - 74AC109_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74AC109MTC FAIRCHILD-74AC109MTC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109PC FAIRCHILD-74AC109PC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109SC FAIRCHILD-74AC109SC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109SJ FAIRCHILD-74AC109SJ Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Mô tả tương tự - 74AC109_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com