công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33063A bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33063A
Giải thích chi tiết về linh kiện  1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33063A bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33063A Datasheet HTML 5Page - ON Semiconductor MC33063A Datasheet HTML 6Page - ON Semiconductor MC33063A Datasheet HTML 7Page - ON Semiconductor MC33063A Datasheet HTML 8Page - ON Semiconductor MC33063A Datasheet HTML 9Page - ON Semiconductor MC33063A Datasheet HTML 10Page - ON Semiconductor MC33063A Datasheet HTML 11Page - ON Semiconductor MC33063A Datasheet HTML 12Page - ON Semiconductor MC33063A Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC34063A, MC33063A, NCV33063A
http://onsemi.com
10
Calculation
Step−Up
Step−Down
Voltage−Inverting
ton/toff
Vout ) VF * Vin(min)
V
in(min) *
Vsat
Vout ) VF
V
in(min) *
Vsat * Vout
|Vout| ) VF
V
in *
Vsat
(ton + toff)
1
f
1
f
1
f
toff
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton ) toff
ton
t
off
) 1
ton
(ton + toff) − toff
(ton + toff) − toff
(ton + toff) − toff
CT
4.0 x 10−5 ton
4.0 x 10−5 ton
4.0 x 10−5 ton
Ipk(switch)
2I
out(max)
ton
t
off
) 1
2I
out(max)
2I
out(max)
ton
t
off
) 1
Rsc
0.3/Ipk(switch)
0.3/Ipk(switch)
0.3/Ipk(switch)
L(min)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat * Vout)
I
pk(switch)
t
on(max)
(V
in(min) *
Vsat)
I
pk(switch)
t
on(max)
CO
9
Ioutton
V
ripple(pp)
I
pk(switch)
(ton ) toff)
8V
ripple(pp)
9
Ioutton
V
ripple(pp)
Vsat = Saturation voltage of the output switch.
VF = Forward voltage drop of the output rectifier.
The following power supply characteristics must be chosen:
Vin − Nominal input voltage.
Vout − Desired output voltage,
Iout − Desired output current.
fmin − Minimum desired output switching frequency at the selected values of Vin and IO.
Vripple(pp) − Desired peak−to−peak output ripple voltage. In practice, the calculated capacitor value will need to be increased due to its
equivalent series resistance and board layout. The ripple voltage should be kept to a low value since it will directly affect the
line and load regulation.
NOTE:
For further information refer to Application Note AN920A/D and AN954/D.
|Vout| + 1.25 1 )
R2
R1
Figure 15. Design Formula Table


Số phần tương tự - MC33063A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
Texas Instruments
MC33063A TI-MC33063A Datasheet
303Kb / 15P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
Motorola, Inc
MC33063A MOTOROLA-MC33063A Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
Texas Instruments
MC33063A TI-MC33063A Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Mô tả tương tự - MC33063A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
NCP3063 ONSEMI-NCP3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com