công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33023 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33023
Giải thích chi tiết về linh kiện  High Speed Single?묮nded PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33023 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33023 Datasheet HTML 1Page - ON Semiconductor MC33023 Datasheet HTML 2Page - ON Semiconductor MC33023 Datasheet HTML 3Page - ON Semiconductor MC33023 Datasheet HTML 4Page - ON Semiconductor MC33023 Datasheet HTML 5Page - ON Semiconductor MC33023 Datasheet HTML 6Page - ON Semiconductor MC33023 Datasheet HTML 7Page - ON Semiconductor MC33023 Datasheet HTML 8Page - ON Semiconductor MC33023 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC34023, MC33023
http://onsemi.com
2
ORDERING INFORMATION
Device
Package
Shipping
MC33023DW
SOIC−16W
47 Units / Rail
MC33023DWG
SOIC−16W
(Pb−Free)
47 Units / Rail
MC33023DWR2
SOIC−16W
1000 Units / Reel
MC33023DWR2G
SOIC−16W
(Pb−Free)
1000 Units / Reel
MC34023P
PDIP−16
25 Units / Rail
MC34023PG
PDIP−16
(Pb−Free)
25 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
30
V
Output Driver Supply Voltage
VC
20
V
Output Current, Source or Sink (Note 1)
DC
Pulsed (0.5
ms)
IO
0.5
2.0
A
Current Sense, Soft−Start, Ramp, and Error Amp Inputs
Vin
−0.3 to +7.0
V
Error Amp Output and Soft−Start Sink Current
IO
10
mA
Clock and RT Output Current
ICO
5.0
mA
Power Dissipation and Thermal Characteristics
SO−16L Package (Case 751G)
Maximum Power Dissipation @ TA = + 25°C
Thermal Resistance, Junction−to−Air
DIP Package (Case 648)
Maximum Power Dissipation @ TA = + 25°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
862
145
mW
°C/W
1.25
100
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 2)
MC34023
MC33023
TA
0 to +70
−40 to +105
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.


Số phần tương tự - MC33023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33023 ONSEMI-MC33023 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33023DW ONSEMI-MC33023DW Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC33023P ONSEMI-MC33023P Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
More results

Mô tả tương tự - MC33023

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com