công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33680 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33680
Giải thích chi tiết về linh kiện  Dual DC?묭C Regulator for Electronic Organizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33680 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33680 Datasheet HTML 1Page - ON Semiconductor MC33680 Datasheet HTML 2Page - ON Semiconductor MC33680 Datasheet HTML 3Page - ON Semiconductor MC33680 Datasheet HTML 4Page - ON Semiconductor MC33680 Datasheet HTML 5Page - ON Semiconductor MC33680 Datasheet HTML 6Page - ON Semiconductor MC33680 Datasheet HTML 7Page - ON Semiconductor MC33680 Datasheet HTML 8Page - ON Semiconductor MC33680 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC33680
http://onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin
No.
Function
Type/Direction
Description
1
VMAINFB
Analog / Input
Feedback pin for VMAIN
2
VBAT
Power
Main battery supply
3
VBAT
Power
Main battery supply
4
VDD
Analog / Output
Connect to decoupling capacitor for internal logic supply
5
PDELAY
Analog / Input
Capacitor connection for defining Power−On signal delay
6
VREF
Analog / Output
Bandgap Reference output voltage. Nominal voltage is 1.25V
7
AGND
Analog Ground
8
IREF
Analog / Input
Resistor connection for defining internal current bias and PDELAY current
9
LOWBATSEN
Analog / Input
Resistive network connection for defining low battery detect threshold
10
DGND
Digital Ground
11
PORB
CMOS / Output
Active LOW Power−On reset signal
12
LOWBATB
CMOS / Output
Active LOW low battery detect output
13
LIBATON
CMOS / Input
microprocessor control signal for Lithium battery backup switch, the switch is
ON when LIBATON=HIGH and LIBATCL=HIGH
14
LIBATCL
CMOS / Input
microprocessor control signal for Lithium battery backup switch, if it is HIGH,
the switch is controlled by LIBATON, otherwise, controlled by internal logic
15
DGND
Digital Ground
16
NC
no connection
17
VAUXEN
CMOS / Input
VAUX enable, Active high
18
VAUXFBP
Analog / Input
Feedback pin for VAUX
19
NC
no connection
20
VAUXFBN
Analog / Input
Feedback pin for VAUX
21
VAUXBDV
Power
VAUX BJT base drive circuit power supply
22
VAUXCHG
Analog / Output
test pin
23
VAUXBASE
Analog / Output
test pin
24
NC
no connection
25
VAUXSW
Analog / Output
Collector output of the VAUX power BJT
26
VAUXEMR
Analog / Output
Emitter output of the VAUX power BJT
27
LIBATIN
Analog / Input
Lithium battery input for backup purposes
28
LIBATOUT
Analog / Output
Lithium battery output
29
NC
no connection
30
VMAINGND
Power Ground
Ground for VMAIN low side switch
31
VMAINSW
Analog / Input
VMAIN inductor connection
32
VMAIN
Analog / Output
VMAIN output


Số phần tương tự - MC33680

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33680 ONSEMI-MC33680 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
MC33680FTB ONSEMI-MC33680FTB Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
MC33680FTBR2 ONSEMI-MC33680FTBR2 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
More results

Mô tả tương tự - MC33680

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33680 ONSEMI-MC33680 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
logo
Toshiba Semiconductor
2SK3205 TOSHIBA-2SK3205 Datasheet
133Kb / 3P
   Switching Regulator Applications DC?묭C Converter
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK2965 TOSHIBA-2SK2965_09 Datasheet
219Kb / 6P
   Switching Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com