công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33680 bảng dữ liệu(PDF) 5 Page - ON Semiconductor

tên linh kiện MC33680
Giải thích chi tiết về linh kiện  Dual DC?묭C Regulator for Electronic Organizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33680 bảng dữ liệu(HTML) 5 Page - ON Semiconductor

  MC33680 Datasheet HTML 1Page - ON Semiconductor MC33680 Datasheet HTML 2Page - ON Semiconductor MC33680 Datasheet HTML 3Page - ON Semiconductor MC33680 Datasheet HTML 4Page - ON Semiconductor MC33680 Datasheet HTML 5Page - ON Semiconductor MC33680 Datasheet HTML 6Page - ON Semiconductor MC33680 Datasheet HTML 7Page - ON Semiconductor MC33680 Datasheet HTML 8Page - ON Semiconductor MC33680 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC33680
http://onsemi.com
5
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VBAT
−0.3
7.0
Vdc
Digital Pin Voltage
Vdigital
−0.3
7.0
Vdc
General Analog Pin Voltage
Vanalog
−0.3
7.0
Vdc
Pin VAUXSW to Pin VAUXEMR Voltage (Continuous)
VAUXCE
−0.3
30
Vdc
Pin VMAINSW to Pin VMAIN Voltage (Continuous)
Vsyn
0.3
Vdc
Operating Junction Temperature
Tj (max)
150
°C
Ambient Operating Temperature
Ta
0
70
°C
Storage Temperature
Tstg
−50
150
°C
STATIC ELECTRICAL CHARACTERISTICS (Circuit of Figure 1, VP = 1.8V, Iload = 0 mA, TA = 0 to 70°C unless
otherwise noted.)
Rating
Symbol
Min
Typ
Max
Unit
Operating Supply Voltage1
VBAT
1.0
V
VMAIN output voltage
Vmain
3.1
3.3
3.5
V
VMAIN output voltage range2
Vmain_range
2.7
5.0
V
VMAIN output current3
I3.3_1.8
200
mA
VMAIN maximum switching frequency4
Freqmax_VM
100
kHz
VMAIN peak coil static current limit
ILIM_VM
0.85
1.0
1.15
A
VAUX output voltage range
VAUX_range
5.0
25
V
VAUX maximum switching frequency
Freqmax_VL
120
kHz
VAUX peak coil static current limit
ILIM_VL
1.0
A
Quiescent Supply Current at Standby Mode5
Iqstandby
35
60
μA
Reference Voltage @ no load
Vrefno_load
1.16
1.22
1.28
V
Battery Low Detect lower hysteresis threshold6
VLOBAT_L
0.8
0.85
0.9
V
Battery Low Detect upper hysteresis threshold
VLOBAT_H
1.05
1.1
1.15
V
PDELAY Pin output charging current
IchgPDELAY
0.8
1.0
1.2
μA
PDELAY Pin voltage threshold
VthPDELAY
1.16
1.22
1.28
V
NOTE: 1. Output current capability is reduced with supply voltage due to decreased energy transfer. The supply voltage must not be higher than
VMAIN+0.6V to ensure boost operation. Max Start−up loading is typically 1V at 400 μA, 1.8V at 4.4 mA, and 2.2V at 88 mA.
NOTE: 2. Output voltage can be adjusted by external resistor to the VMAINFB pin.
NOTE: 3. At VBAT = 1.8V, output current capability increases with VBAT.
NOTE: 4. Only when current limit is not reached.
NOTE: 5. This is average current consumed by the IC from VDD, which is low−pass filtered from VMAIN, when only VMAIN is enabled and at no loading.
NOTE: 6. This is the minimum of ”LOWBATB” threshold for battery voltage, the threshold can be increased by external resistor divider from ”VBAT” to
”LOWBATSEN”.


Số phần tương tự - MC33680

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33680 ONSEMI-MC33680 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
MC33680FTB ONSEMI-MC33680FTB Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
MC33680FTBR2 ONSEMI-MC33680FTBR2 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
More results

Mô tả tương tự - MC33680

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33680 ONSEMI-MC33680 Datasheet
340Kb / 16P
   Dual DC-DC Regulator for Electronic Organizer
May, 2000 ??Rev. 3
logo
Toshiba Semiconductor
2SK3205 TOSHIBA-2SK3205 Datasheet
133Kb / 3P
   Switching Regulator Applications DC?묭C Converter
2SJ508 TOSHIBA-2SJ508_09 Datasheet
220Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3067 TOSHIBA-2SK3067_09 Datasheet
136Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ525 TOSHIBA-2SJ525_09 Datasheet
142Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SJ537 TOSHIBA-2SJ537_09 Datasheet
234Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK3089 TOSHIBA-2SK3089_09 Datasheet
164Kb / 3P
   Chopper Regulator DC?묭C Converter, and Motor Drive
2SJ509 TOSHIBA-2SJ509_09 Datasheet
161Kb / 3P
   Chopper Regulator, DC?묭C Converter and Motor Drive
2SK2965 TOSHIBA-2SK2965_09 Datasheet
219Kb / 6P
   Switching Regulator, DC?묭C Converter and Motor Drive
2SK3312 TOSHIBA-2SK3312_09 Datasheet
323Kb / 6P
   Chopper Regulator, DC?묭C Converter and Motor Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com