công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33375ST-3.3T3G bảng dữ liệu(PDF) 10 Page - ON Semiconductor

tên linh kiện MC33375ST-3.3T3G
Giải thích chi tiết về linh kiện  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375ST-3.3T3G bảng dữ liệu(HTML) 10 Page - ON Semiconductor

Back Button MC33375ST-3.3T3G Datasheet HTML 6Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 7Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 8Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 9Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 10Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 11Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 12Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 13Page - ON Semiconductor MC33375ST-3.3T3G Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MC33375 Series
http://onsemi.com
10
THERMAL PROTECTION
Internal thermal limiting circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated, typically at
150
°C, the output is disabled. There is no hysteresis built
into the thermal protection. As a result the output will appear
to be oscillating during thermal limit. The output will turn
off until the temperature drops below the 150
°C then the
output turns on again. The process will repeat if the junction
increases above the threshold. This will continue until the
existing conditions allow the junction to operate below the
temperature threshold.
Thermal limit is not a substitute for proper
heatsinking.
The internal current limit will typically limit current to
450 mA. If during current limit the junction exceeds 150
°C,
the thermal protection will protect the device also. Current
limit is not a substitute for proper heatsinking.
OUTPUT NOISE
In many applications it is desirable to reduce the noise
present at the output. Reducing the regulator bandwidth by
increasing the size of the output capacitor will reduce the
noise on the MC33375.
ON/OFF PIN
When this pin is pulled low, the MC33375 is off. This pin
should not be left floating. The pin should be pulled high for
the MC33375 to operate.
Figure 25. SOT−223 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
60
80
100
120
140
160
180
0.4
0.6
0.8
1.0
1.2
1.4
1.6
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
RqJA
L
L
2.0 oz. Copper
Figure 26. SOP−8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
50
70
90
110
170
0.4
0.8
1.2
1.6
3.2
020
40
50
30
10
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
L
L
RqJA
130
2.0
150
2.4
2.8
Graph Represents Symmetrical Layout
2.0 oz.
Copper
3.0
mm


Số phần tương tự - MC33375ST-3.3T3G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33375ST-3.3T3G ONSEMI-MC33375ST-3.3T3G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
More results

Mô tả tương tự - MC33375ST-3.3T3G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com