công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33560DTBR2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC33560DTBR2
Giải thích chi tiết về linh kiện  Power Management and Interface IC for Smartcard Readers and Couplers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33560DTBR2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC33560DTBR2 Datasheet HTML 1Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 2Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 3Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 4Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 5Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 6Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 7Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 8Page - ON Semiconductor MC33560DTBR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
MC33560
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS These specifications are written in the same style as common for standard
integrated circuits. The convention considers current flowing into the pin (sink current) as positive and current flowing out of the pin
(source current) as negative. (Conditions: VBAT = 4.0 V, VCC = 5.0 V nom, PWRON = VBAT , Operating Mode, −ICC = 10 mA, −25°C ≤ TA
≤ 85°C, L1 = 47 mH, RLIM = 0 W, CRDVCC capacitor = 10 mF, unless otherwise noted.)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
BATTERY POWER SUPPLY SECTION
Supply Voltage Range
Normal operating range extended operating range (Note 4)
VBAT
2.2
1.8
6.0
6.6
V
MC33560 Standby Quiescent Current
PWRON = GND, CRDCON = GND, ASYCLKIN = GND, VBAT = 6.0 V,
All Other Logic Inputs and Outputs Open
IoBAT
30
mA
DC Operating Current
−ICC = 10 mA; VCC = 5.0 V, VBAT = 6.0 V
IBATop
12.5
mA
VBAT Undervoltage Detection:
Upper Threshold
Lower Threshold
Hysteresis
1.6
1.4
0.2
V
VCC = 5.0 V NOMINAL POWER SUPPLY SECTION
Output Voltage
2.2 V
v VBAT v 6.0 V
1.0 mA
v −ICC v 25 mA
3.0 V
v VBAT v 6.0 V
1.0 mA
v −ICC v 60 mA
VCC
4.75
4.60
5.0
5.0
5.25
5.40
V
Card VCC Undervoltage Detection:
Upper Threshold
Lower Threshold
Switching Hysteresis
(RDYMOD Output)
(See Table 4)
VT5H
VT5L
VHYS5
4.2
120
4.5
180
VCC − 0.14
V
mV
Peak Output Current
VCC = 4.0 V, Internally Limited
(RDYMOD = L)
−ICClim
80
mA
Current limit time−out
VCC = 4.0 V
td
160
ms
Startup Current
VCC = 2.0 V; 0°C to +85°C
−40
°C to 0°C
−ICCst
80
50
mA
Low Side Switch Saturation Voltage
IL = 50 mA, Pin 22
Vsat22
100
160
mV
Rectifier on Saturation Voltage
IL = 50 mA, Pin 22 to Pin 13
VFsat22
400
520
mV
Converter Switching Frequency
TA = 25°C
fsw
120
kHz
Shutdown Current
(Card access deactivated)
PWRON = GND, VCC = 2.0 V
ISD
80
mA
VCC = 3.0 V NOMINAL POWER SUPPLY SECTION (VBAT = 2.5 V, −ICC = 5.0 mA)
Output Voltage
2.2 V
v VBAT v 6.0 V
1.0 mA
v −ICC v 10 mA
2.5 V
v VBAT v 6.0 V
1.0 mA
v −ICC v 50 mA
VCC
2.75
2.60
3.0
3.0
3.25
3.40
V
Card VCC Undervoltage Detection:
Upper Threshold
Lower Threshold
Switching Hysteresis
(RDYMOD Output)
(See Table 4)
VT3H
VT3L
VHYS3
2.4
80
2.7
110
VCC − 0.1
V
mV
Startup Current
Shutdown Current
(Card access deactivated)
VCC = 2.0 V
PWRON = GND, VCC = 2.0 V
−ICCst
ISD
50
50
mA
4. See Figures 2 and 3.
5. The transistors T1 on lines IO, C4 and C8 (see Figure 24) have a max Rdson of 250 W.
6. Pin loading = 30 pF, except INVOUT = 15 pF.
7. As the clock buffer is optimized for low power consumption and hence not symmetrical, clock signal duty cycle is guaranteed for divide
by 2 and divide by 4 ratio.
8. In either direction.


Số phần tương tự - MC33560DTBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560DTBR2 ONSEMI-MC33560DTBR2 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
More results

Mô tả tương tự - MC33560DTBR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com