công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33375D-3.3R2G bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện MC33375D-3.3R2G
Giải thích chi tiết về linh kiện  300 mA, Low Dropout Voltage Regulator with On/Off Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33375D-3.3R2G bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button MC33375D-3.3R2G Datasheet HTML 5Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 6Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 7Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 8Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 9Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 10Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 11Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 12Page - ON Semiconductor MC33375D-3.3R2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC33375 Series
http://onsemi.com
9
1 mA
Figure 22. Load Transient Response
1.82 V
VCC = 3 V
ILOAD = 1 mA to 100 mA
TA = 25°C
1.80 V
1.78 V
100 mA
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
t, TIME (ms)
APPLICATIONS INFORMATION
LOAD
Cout
Vout
Vin
Cin
GND
MC33375−xx
Figure 23. Typical Application Circuit
ON/OFF
The MC33375 regulators are designed with internal
current limiting and thermal shutdown making them
user−friendly. Figure 15 is a typical application circuit. The
output capability of the regulator is in excess of 300 mA,
with a typical dropout voltage of less than 260 mV. Internal
protective features include current and thermal limiting.
EXTERNAL CAPACITORS
These regulators require only a 0.33
mF (or greater)
capacitance between the output and ground for stability for
1.8 V, 2.5 V, 3.0 V, and 3.3 V output voltage options. Output
voltage options of 5.0 V require only 0.22
mF for stability.
The output capacitor must be mounted as close as possible
to the MC33375. If the output capacitor must be mounted
further than two centimeters away from the MC33375, then
a larger value of output capacitor may be required for
stability. A value of 0.68
mF or larger is recommended. Most
type of aluminum, tantalum, or multilayer ceramic will
perform adequately. Solid tantalums or appropriate
multilayer ceramic capacitors are recommended for
operation below 25
°C. An input bypass capacitor is
recommended to improve transient response or if the
regulator is connected to the supply input filter with long
wire lengths, more than 4 inches. This will reduce the
circuit’s sensitivity to the input line impedance at high
frequencies. A 0.33
mF or larger tantalum, mylar, ceramic,
or other capacitor having low internal impedance at high
frequencies should be chosen. The bypass capacitor should
be mounted with shortest possible lead or track length
directly across the regulator’s input terminals. Figure 16
shows the ESR that allows the LDO to remain stable for
various load currents.
0
100
LOAD CURRENT (mA)
100
200
300
10
1.0
0.1
Figure 24. ESR for Vout = 3.0V
Vout = 3.0 V
Cout = 1.0 mF
Cin = 1.0 mF
50
150
250
Stable Region
Applications should be tested over all operating
conditions to insure stability.


Số phần tương tự - MC33375D-3.3R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375D-3.3R2G ONSEMI-MC33375D-3.3R2G Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results

Mô tả tương tự - MC33375D-3.3R2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
logo
Toshiba Semiconductor
TA48LS015F TOSHIBA-TA48LS015F Datasheet
308Kb / 11P
   300 mA Output Current and Low Dropout Voltage Regulator with ON/OFF Control Switch
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
logo
ON Semiconductor
NCP623 ONSEMI-NCP623 Datasheet
148Kb / 14P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
August, 2004 ??Rev. 0
MC33263 ONSEMI-MC33263 Datasheet
269Kb / 12P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator with ON/OFF Control
April, 2000 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com