công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33560 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33560
Giải thích chi tiết về linh kiện  Power Management and Interface IC for Smartcard Readers and Couplers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33560 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33560_05 Datasheet HTML 1Page - ON Semiconductor MC33560_05 Datasheet HTML 2Page - ON Semiconductor MC33560_05 Datasheet HTML 3Page - ON Semiconductor MC33560_05 Datasheet HTML 4Page - ON Semiconductor MC33560_05 Datasheet HTML 5Page - ON Semiconductor MC33560_05 Datasheet HTML 6Page - ON Semiconductor MC33560_05 Datasheet HTML 7Page - ON Semiconductor MC33560_05 Datasheet HTML 8Page - ON Semiconductor MC33560_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MC33560
http://onsemi.com
2
POWER
MANAGER
AND
PROGRAMMING
CLOCK
GENERATOR
DC−DC
CONVERTER
CRDDET
ASYCLKIN
CARD
DETECTOR
DELAY
LEVEL
TRANSLATOR
L1
ILIM
PGND
PWRON
RDYMOD
SYNCLK
INVOUT
IO
RESET
C4
C8
CRDCON
CRDVCC
CRDIO
CRDRST
CRDC4
CRDC8
CRDCLK
CRDGND
VBAT
VBAT
INT
CS
Figure 1. Simplified Functional Block Diagram
MAXIMUM RATINGS (Note 1)
Symbol
Rating
Value
Unit
VBAT
Battery Supply Voltage
7.0
V
IBAT
Battery Supply Current
±200
mA
VCC
Power Supply Voltage
6.0
V
ICC
Power Supply Current
±150
mA
VIN
IIN
Digital Input Pins 2, 4, 5, 6, 7, 9, 10, 17, 18, 20, 21
−0.5 to VBAT +0.5 but < 7.0
±5.0
V
mA
VOUT
IOUT
Digital Output Pins 3, 4, 8
−0.5 to VBAT +0.5 but < 7.0
±10
V
mA
VCard
ICard
Card Interface Pins 11, 13, 14, 15, 16, 19
−0.5 to VCC + 0.5
±25
V
mA
IL
Coil Driver Pin 22, ILIM (Pin 24)
Power Ground (Pin 1)
±200
±100
mA
VESD
ESD Capability: (Note 2)
Standard Pins 2, 3, 4, 5, 6, 7, 8, 9, 10, 17, 18, 20, 21, 22, 23, 24
Card Interface Pins 11, 13, 14, 15, 16, 19
2.0
4.0
kV
kV
PDs
RqJAs
SO−24 Package:
Power Dissipation @ TA = 85°C
Thermal Resistance Junction−to−Air
285
140
mW
°C/W
PDt
RqJAt
TSSOP−24 Package:
Power Dissipation @ TA = 85°C
Thermal Resistance Junction−to−Air
220
180
mW
°C/W
TA
Operating Ambient Temperature Range
−40 to +85
°C
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature (Note 3)
150
°C
Tstg
Storage Temperature Range
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Maximum electrical ratings are those values beyond which damage to the device may occur. TA = 25°C.
2. Human body model, R = 1500
W, C = 100 pF.
3. Maximum thermal rating beyond which damage to the device may occur.


Số phần tương tự - MC33560_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560DTB ONSEMI-MC33560DTB Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DTBR2 ONSEMI-MC33560DTBR2 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DW ONSEMI-MC33560DW Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560DWR2 ONSEMI-MC33560DWR2 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
More results

Mô tả tương tự - MC33560_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
logo
Freescale Semiconductor...
13892 FREESCALE-13892_11 Datasheet
5Mb / 156P
   Power Management and User Interface IC
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
logo
ELATEC GmbH
HKSD-B ELATEC-HKSD-B Datasheet
227Kb / 2P
   TWN4 SmartCard holder Mounting solution for TWN4 MultiTech SmartCard readers
11/2023
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com