công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33503SNT1G bảng dữ liệu(PDF) 6 Page - ON Semiconductor

tên linh kiện MC33503SNT1G
Giải thích chi tiết về linh kiện  1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33503SNT1G bảng dữ liệu(HTML) 6 Page - ON Semiconductor

Back Button MC33503SNT1G Datasheet HTML 2Page - ON Semiconductor MC33503SNT1G Datasheet HTML 3Page - ON Semiconductor MC33503SNT1G Datasheet HTML 4Page - ON Semiconductor MC33503SNT1G Datasheet HTML 5Page - ON Semiconductor MC33503SNT1G Datasheet HTML 6Page - ON Semiconductor MC33503SNT1G Datasheet HTML 7Page - ON Semiconductor MC33503SNT1G Datasheet HTML 8Page - ON Semiconductor MC33503SNT1G Datasheet HTML 9Page - ON Semiconductor MC33503SNT1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33501, MC33503
http://onsemi.com
6
General Information
The MC33501/503 dual operational amplifier is unique in
its ability to provide 1.0 V rail−to−rail performance on both
the input and output by using a SMARTMOS
t process. The
amplifier output swings within 50 mV of both rails and is
able to provide 50 mA of output drive current with a 5.0 V
supply, and 10 mA with a 1.0 V supply. A 5.0 MHz
bandwidth and a slew rate of 3.0 V/
ms is achieved with high
speed depletion mode NMOS (DNMOS) and vertical PNP
transistors. This device is characterized over a temperature
range of −40
°C to 105°C.
Circuit Information
Input Stage
One volt rail−to−rail performance is achieved in the
MC33501/503 at the input by using a single pair of depletion
mode NMOS devices (DNMOS) to form a differential
amplifier with a very low input current of 40 fA. The normal
input common mode range of a DNMOS device, with an ion
implanted negative threshold, includes ground and relies on
the body effect to dynamically shift the threshold to a
positive value as the gates are moved from ground towards
the positive supply. Because the device is manufactured in
a p−well process, the body effect coefficient is sufficiently
large to ensure that the input stage will remain substantially
saturated when the inputs are at the positive rail. This also
applies at very low supply voltages. The 1.0 V rail−to−rail
input stage consists of a DNMOS differential amplifier, a
folded cascode, and a low voltage balanced mirror. The low
voltage cascaded balanced mirror provides high 1st stage
gain and base current cancellation without sacrificing signal
integrity. A common mode feedback path is also employed
to enable the offset voltage to track over the input common
mode voltage. The total operational amplifier quiescent
current drop is 1.3 mA/amp.
Output Stage
An additional feature of this device is an “on demand”
base current cancellation amplifier. This feature provides
base drive to the output power devices by making use of a
buffer
amplifier
to
perform
a
voltage−to−current
conversion. This is done in direct proportion to the load
conditions. This “on demand” feature allows these
amplifiers to consume only a few micro−amps of current
when the output stage is in its quiescent mode. Yet it
provides high output current when required by the load. The
rail−to−rail output stage current boost circuit provides
50 mA of output current with a 5.0 V supply (For a 1.0 V
supply output stage will do 10 mA) enabling the operational
amplifier to drive a 600
W load. A buffer is necessary to
isolate the load current effects in the output stage from the
input stage. Because of the low voltage conditions, a
DNMOS follower is used to provide an essentially zero
voltage level shift. This buffer isolates any load current
changes on the output stage from loading the input stage. A
high speed vertical PNP transistor provides excellent
frequency performance while sourcing current. The
operational amplifier is also internally compensated to
provide a phase margin of 60 degrees. It has a unity gain of
5.0 MHz with a 5.0 V supply and 4.0 MHz with a 1.0 V
supply.
Low Voltage Operation
The MC33501/503 will operate at supply voltages from
0.9 to 7.0 V and ground. When using the MC33501/503 at
supply voltages of less than 1.2 V, input offset voltage may
increase slightly as the input signal swings within
approximately 50 mV of the positive supply rail. This effect
occurs only for supply voltages below 1.2 V, due to the input
depletion mode MOSFETs starting to transition between the
saturated to linear region, and should be considered when
designing high side dc sensing applications operating at the
positive supply rail. Since the device is rail−to−rail on both
input and output, high dynamic range single battery cell
applications are now possible.


Số phần tương tự - MC33503SNT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33503SNT1 ONSEMI-MC33503SNT1 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
More results

Mô tả tương tự - MC33503SNT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33501 ONSEMI-MC33501 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
logo
Global Mixed-mode Techn...
G1562 GMT-G1562 Datasheet
432Kb / 1P
   Single Rail-to-Rail Operational Amplifiers
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com