công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33502P bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33502P
Giải thích chi tiết về linh kiện  1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33502P bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33502P Datasheet HTML 1Page - ON Semiconductor MC33502P Datasheet HTML 2Page - ON Semiconductor MC33502P Datasheet HTML 3Page - ON Semiconductor MC33502P Datasheet HTML 4Page - ON Semiconductor MC33502P Datasheet HTML 5Page - ON Semiconductor MC33502P Datasheet HTML 6Page - ON Semiconductor MC33502P Datasheet HTML 7Page - ON Semiconductor MC33502P Datasheet HTML 8Page - ON Semiconductor MC33502P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 8
1
Publication Order Number:
MC33502/D
MC33502
1.0 V, Rail−to−Rail, Dual
Operational Amplifier
The MC33502 operational amplifier provides rail−to−rail operation
on both the input and output. The output can swing within 50 mV of
each rail. This rail−to−rail operation enables the user to make full use
of the entire supply voltage range available. It is designed to work at
very low supply voltages (1.0 V and ground), yet can operate with a
supply of up to 7.0 V and ground. Output current boosting techniques
provide high output current capability while keeping the drain current
of the amplifier to a minimum.
Features
Low Voltage, Single Supply Operation
(1.0 V and Ground to 7.0 V and Ground)
High Input Impedance: Typically 40 fA Input Current
Typical Unity Gain Bandwidth @ 5.0 V = 5.0 MHz,
@ 1.0 V = 4.0 MHz
High Output Current (ISC = 40 mA @ 5.0 V, 13 mA @ 1.0 V)
Output Voltage Swings within 50 mV of Both Rails @ 1.0 V
Input Voltage Range Includes Both Supply Rails
High Voltage Gain: 100 dB Typical @ 1.0 V
No Phase Reversal on the Output for Over−Driven Input Signals
Input Offset Trimmed to 0.5 mV Typical
Low Supply Current (ID = 1.2 mA/per Amplifier, Typical)
600 W Drive Capability
Extended Operating Temperature Range (−40 to 105°C)
Pb−Free Packages are Available
Applications
Single Cell NiCd/Ni MH Powered Systems
Interface to DSP
Portable Communication Devices
Low Voltage Active Filters
Telephone Circuits
Instrumentation Amplifiers
Audio Applications
Power Supply Monitor and Control
Compatible with VCX Logic
Device
Package
Shipping
ORDERING INFORMATION
MC33502P
PDIP−8
50 Units/Rail
MC33502D
SOIC−8
98 Units/Rail
MC33502DR2
SOIC−8
2500 Tape & Reel
PIN CONNECTIONS
18
7
6
5
2
3
4
Inputs 1
Output 1
VEE
VCC
Output 2
Inputs 2
(Dual, Top View)
2
1
http://onsemi.com
MC33502PG
PDIP−8
(Pb−Free)
50 Units/Rail
MC33502DG
SOIC−8
(Pb−Free)
98 Units/Rail
MC33502DR2G
SOIC−8
(Pb−Free)
2500 Tape & Reel
SOIC−8
D SUFFIX
CASE 751
1
8
MARKING
DIAGRAMS
PDIP−8
P SUFFIX
CASE 626
1
8
1
8
MC33502P
AWL
YYWWG
33502
ALYW
G
1
8
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G = Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Số phần tương tự - MC33502P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33502P ONSEMI-MC33502P Datasheet
329Kb / 15P
   LOW VOLTAGE RAIL-TO-RAIL DUAL OPERATIONAL AMPLIFIER
1998 REV 0
More results

Mô tả tương tự - MC33502P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33501 ONSEMI-MC33501_06 Datasheet
180Kb / 14P
   1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
July, 2006 ??Rev. 10
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
MC33501 ONSEMI-MC33501 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
logo
SG Micro Corp
SGM8922 SGMICRO-SGM8922 Datasheet
324Kb / 10P
   Dual Rail-to-Rail Output Operational Amplifier
logo
Advanced Linear Devices
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
   DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_14 Datasheet
534Kb / 11P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
   Rail-to-Rail CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com