công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33501SNT1 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33501SNT1
Giải thích chi tiết về linh kiện  1.0 V, Rail?뭪o?뭃ail, Single Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33501SNT1 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33501SNT1 Datasheet HTML 1Page - ON Semiconductor MC33501SNT1 Datasheet HTML 2Page - ON Semiconductor MC33501SNT1 Datasheet HTML 3Page - ON Semiconductor MC33501SNT1 Datasheet HTML 4Page - ON Semiconductor MC33501SNT1 Datasheet HTML 5Page - ON Semiconductor MC33501SNT1 Datasheet HTML 6Page - ON Semiconductor MC33501SNT1 Datasheet HTML 7Page - ON Semiconductor MC33501SNT1 Datasheet HTML 8Page - ON Semiconductor MC33501SNT1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MC33501, MC33503
http://onsemi.com
2
Figure 1. Simplified Block Diagram
This device contains 98 active transistors per amplifier.
Inputs
Input
Stage
Outputs
Buffer with 0 V
Level Shift
Saturation
Detector
Offset
Voltage
Trim
Base
Current
Boost
Base
Current
Boost
Output
Stage
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage (VCC to VEE)
VS
7.0
V
ESD Protection Voltage at any Pin
Human Body Model
VESD
2000
V
Voltage at Any Device Pin
VDP
VS ±0.3
V
Input Differential Voltage Range
VIDR
VCC to VEE
V
Common Mode Input Voltage Range
VCM
VCC to VEE
V
Output Short Circuit Duration
tS
Note 1
s
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
Tstg
−65 to 150
°C
Maximum Power Dissipation
PD
Note 1
mW
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
2. ESD data available upon request.


Số phần tương tự - MC33501SNT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33501SNT1 ONSEMI-MC33501SNT1 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
More results

Mô tả tương tự - MC33501SNT1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33502 ONSEMI-MC33502_06 Datasheet
193Kb / 15P
   1.0 V, Rail?뭪o?뭃ail, Dual Operational Amplifier
July, 2006 ??Rev. 8
MC33201 ONSEMI-MC33201_06 Datasheet
264Kb / 19P
   Low Voltage, Rail?뭪o?뭃ail Operational Amplifiers
October, 2006 ??Rev. 14
NCS2001 ONSEMI-NCS2001_07 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
MC33501 ONSEMI-MC33501 Datasheet
201Kb / 16P
   1.0 V, Rail-to-Rail, Single Operational Amplifiers
October, 2002 ??Rev. 7
NCS2002 ONSEMI-NCS2002_07 Datasheet
201Kb / 16P
   Sub?뭀ne Volt Rail?뭪o?뭃ail Operational Amplifier with Enable Feature
January, 2007 ??Rev. 6
logo
Global Mixed-mode Techn...
G1562 GMT-G1562 Datasheet
432Kb / 1P
   Single Rail-to-Rail Operational Amplifiers
logo
Analog Devices
AD8565 AD-AD8565 Datasheet
152Kb / 12P
   16 V Rail-to-Rail Operational Amplifiers
REV. A
AD8565 AD-AD8565_06 Datasheet
346Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
REV. D
AD8565 AD-AD8565_15 Datasheet
293Kb / 16P
   16 V Rail-to-Rail Operational Amplifiers
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com