công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33368DR2G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33368DR2G
Giải thích chi tiết về linh kiện  High Voltage GreenLine TM Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33368DR2G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33368DR2G Datasheet HTML 1Page - ON Semiconductor MC33368DR2G Datasheet HTML 2Page - ON Semiconductor MC33368DR2G Datasheet HTML 3Page - ON Semiconductor MC33368DR2G Datasheet HTML 4Page - ON Semiconductor MC33368DR2G Datasheet HTML 5Page - ON Semiconductor MC33368DR2G Datasheet HTML 6Page - ON Semiconductor MC33368DR2G Datasheet HTML 7Page - ON Semiconductor MC33368DR2G Datasheet HTML 8Page - ON Semiconductor MC33368DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC33368
http://onsemi.com
2
Figure 1. Representative Block Diagram
This device contains 240 active transistors.
Restart Delay
Output
Overvoltage
Multiplier/
Error
Amplifier
Current
Sense
WatchdogTimer/
Zero Current Detector
FB
Restart Delay
Comp
Mult
LEB
Current Sense
ZC Det
Frequency
Clamp
Internal Bias
Generator
UVLO
S
S
R
Q
PWM
Line
VCC
Vref
AGND
Gate
PGND
Frequency
Clamp
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Power Supply Voltage (Transient)
VCC
20
V
Power Supply Voltage (Operating)
VCC
16
V
Line Voltage
VLine
500
V
Current Sense, Multiplier, Compensation, Voltage Feedback, Restart Delay and Zero
Current Input Voltage
Vin1
−1.0 to +10
V
LEB Input, Frequency Clamp Input
Vin2
−1.0 to +20
V
Zero Current Detect Input
Iin
±5.0
mA
Restart Diode Current
Iin
5.0
mA
Power Dissipation and Thermal Characteristics
P Suffix, Plastic Package Case 648
Maximum Power Dissipation @ TA = 25°C
PD
1.25
W
Thermal Resistance, Junction−to−Air
RqJA
100
°C/W
Power Dissipation and Thermal Characteristics
D Suffix, Plastic Package Case 751K
Maximum Power Dissipation @ TA = 70°C
PD
450
mW
Thermal Resistance, Junction−to−Air
RqJA
178
°C/W
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature
TA
−25 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
NOTE:
ESD data available upon request.


Số phần tương tự - MC33368DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368DR2G ONSEMI-MC33368DR2G Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
More results

Mô tả tương tự - MC33368DR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368 ONSEMI-MC33368 Datasheet
476Kb / 20P
   High Voltage GreenLine Power Factor Controller
April, 2000 ??Rev. 4
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
NCP1618A ONSEMI-NCP1618A Datasheet
986Kb / 28P
   High-Voltage, Multimode Power Factor Controller
February, 2021 ??Rev. 1
NCP1618 ONSEMI-NCP1618 Datasheet
941Kb / 27P
   High-Voltage, Multimode Power Factor Controller
June, 2020 ??Rev. 0
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com