công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33368DR2 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33368DR2
Giải thích chi tiết về linh kiện  High Voltage GreenLine TM Power Factor Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33368DR2 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33368DR2 Datasheet HTML 1Page - ON Semiconductor MC33368DR2 Datasheet HTML 2Page - ON Semiconductor MC33368DR2 Datasheet HTML 3Page - ON Semiconductor MC33368DR2 Datasheet HTML 4Page - ON Semiconductor MC33368DR2 Datasheet HTML 5Page - ON Semiconductor MC33368DR2 Datasheet HTML 6Page - ON Semiconductor MC33368DR2 Datasheet HTML 7Page - ON Semiconductor MC33368DR2 Datasheet HTML 8Page - ON Semiconductor MC33368DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2005
September, 2005 − Rev. 8
1
Publication Order Number:
MC33368/D
MC33368
High Voltage GreenLinet
Power Factor Controller
The MC33368 is an active power factor controller that functions as a
boost preconverter in off−line power supply applications. MC33368 is
optimized for low power, high density power supplies requiring a
minimum board area, reduced component count and low power
dissipation. The narrow body SOIC package provides a small
footprint. Integration of the high voltage startup saves approximately
0.7 W of power compared to resistor bootstrapped circuits.
The MC33368 features a watchdog timer to initiate output
switching, a one quadrant multiplier to force the line current to follow
the instantaneous line voltage a zero current detector to ensure critical
conduction operation, a transconductance error amplifier, a current
sensing comparator, a 5.0 V reference, an undervoltage lockout
(UVLO) circuit which monitors the VCC supply voltage and a CMOS
driver for driving MOSFETs. The MC33368 also includes a
programmable output switching frequency clamp. Protection features
include an output overvoltage comparator to minimize overshoot, a
restart delay timer and cycle−by−cycle current limiting.
Features
Lossless Off−Line Startup
Output Overvoltage Comparator
Leading Edge Blanking (LEB) for Noise Immunity
Watchdog Timer to Initiate Switching
Restart Delay Timer
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
PDIP−16
P SUFFIX
CASE 648
SO−16
D SUFFIX
CASE 751K
1
16
MARKING
DIAGRAMS
A
= Assembly Location
WL
= Wafer Lot
YY, Y = Year
WW
= Work Week
G
= Pb−Free Package
116
13
12
11
10
9
2
3
4
5
6
7
8
5.0 Vref
Restart Delay
Voltage FB
Current Sense
Zero Current
AGND
Line
LEB
PIN CONNECTIONS
Comp
Mult
Frequency Clamp
VCC
Gate
PGND
116
13
12
11
10
9
2
3
4
5
6
7
8
5.0 Vref
Restart Delay
Voltage FB
Current Sense
Zero Current
AGND
Line
LEB
Comp
Mult
Frequency Clamp
VCC
Gate
PGND
15
14
N/C
N/C
http://onsemi.com
16
1
(TOP VIEW)
1
16
MC33368P
AWLYYWWG
MC33368D
AWLYWWG
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
1
16


Số phần tương tự - MC33368DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368DR2 ONSEMI-MC33368DR2 Datasheet
476Kb / 20P
   High Voltage GreenLine Power Factor Controller
April, 2000 ??Rev. 4
MC33368DR2G ONSEMI-MC33368DR2G Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
More results

Mô tả tương tự - MC33368DR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33368 ONSEMI-MC33368 Datasheet
476Kb / 20P
   High Voltage GreenLine Power Factor Controller
April, 2000 ??Rev. 4
MC33368 ONSEMI-MC33368_11 Datasheet
228Kb / 16P
   High Voltage GreenLine Power Factor Controller
August, 2011 ??Rev. 11
MC33260 ONSEMI-MC33260_05 Datasheet
221Kb / 22P
   GreenLine TM Compact Power Factor Controller: Innovative Circuit for Cost Effective Solutions
September, 2005 ??Rev. 9
MC33364 ONSEMI-MC33364_06 Datasheet
229Kb / 16P
   Critical Conduction GreenLine TM SMPS Controller
July, 2006 ??Rev. 16
MC44604 ONSEMI-MC44604_05 Datasheet
189Kb / 22P
   High Safety Pulsed Mode Standby GreenLine TM PWM Controller
October, 2005 ??Rev. 5
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
NCP1618A ONSEMI-NCP1618A Datasheet
986Kb / 28P
   High-Voltage, Multimode Power Factor Controller
February, 2021 ??Rev. 1
NCP1618 ONSEMI-NCP1618 Datasheet
941Kb / 27P
   High-Voltage, Multimode Power Factor Controller
June, 2020 ??Rev. 0
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com