công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33364 bảng dữ liệu(PDF) 7 Page - ON Semiconductor

tên linh kiện MC33364
Giải thích chi tiết về linh kiện  Critical Conduction GreenLine TM SMPS Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33364 bảng dữ liệu(HTML) 7 Page - ON Semiconductor

Back Button MC33364 Datasheet HTML 3Page - ON Semiconductor MC33364 Datasheet HTML 4Page - ON Semiconductor MC33364 Datasheet HTML 5Page - ON Semiconductor MC33364 Datasheet HTML 6Page - ON Semiconductor MC33364 Datasheet HTML 7Page - ON Semiconductor MC33364 Datasheet HTML 8Page - ON Semiconductor MC33364 Datasheet HTML 9Page - ON Semiconductor MC33364 Datasheet HTML 10Page - ON Semiconductor MC33364 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC33364
http://onsemi.com
7
OPERATING DESCRIPTION
Introduction
The MC33364 series represents a variable−frequency
current−mode critical−conduction solution with integrated
high voltage startup and protection circuitry to implement an
off−line flyback converter for modern consumer electronic
power supplies. Different frequency clamp options offer
different customized needs. This device series includes an
integrated 700 V Very High−Voltage (VHV) start−up
circuit. Thus, it is possible to design an application with
universal input voltage from 85 Vac to 265 Vac without any
additional startup circuits or components.
The critical conduction feature offers some advantages.
First, the MOSFET turns on at zero current and the diode
turns off at zero current. The zero current reduces these
turn−on and turn−off switching losses. It also reduces the
Electro−Magnetic Interface (EMI) of the SMPS and a less
expensive rectifier can be used. Second, by preventing the
SMPS from entering the discontinuous conduction mode
(DCM), the peak MOSFET drain current is limited to only
twice the average input current. It needs a smaller and less
expensive MOSFET. Third, by preventing the SMPS from
entering the Continuous Conduction Mode (CCM), the
flyback topology transfer function stays first−order and its
feedback compensation network is considerably simplified.
It also maximizes the power transfer by the flyback
transformer to its 1/2 L I2 limits.
A description of each of the functional blocks is given
below. The representative block diagram and typical
application circuit are in Figure 1 and Figure 2.
Line, VCC, Startup Circuit and Reference Voltage
The Line pin is capable of a maximum 700 V so that it is
possible to connect this pin directly to the rectified
high−voltage
Alternating
Current
(AC)
input
for
minimizing the number of external components. There is a
startup circuit block that regulates voltage from the Line pin
to the VCC pin in an abnormal situation. In normal
conditions, the auxiliary winding powers up the VCC and
this startup circuit is opened and saves approximate 0.7 W
of power compared to the resistor bootstrapped circuits.
In normal operation, the auxiliary winding powers up the
VCC voltage. This voltage is a constant value between the
UVLO limits (7.6 V and 15 V). It is further regulated to a
constant 5 V reference voltage Vref for the internal circuitry
usage. As long as the VCC voltage is between 7.6 V and
15 V, it means the auxiliary winding can provide voltage as
in normal condition. The device recognizes that there is no
fault in the circuit and the device remains in the normal
operation status.
However, when the auxiliary winding cannot power up
VCC, the VCC voltage will reach its UVLO limit. The device
recognizes that it is an abnormal situation (such as startup or
output short−circuited). The VCC voltage is not constant in
this case. Figure 3 shows the timing diagram in a fault
condition. There are three Under−Voltage Lock−Out
(UVLO) thresholds with respect to VCC. The upper
threshold is 15 V. When this limit is reached, the startup
circuit block turns off and VCC declines due to power
consumption of the circuitry. The startup circuit block turns
on when VCC reaches 7.6 V and if Vref is higher than 3.7 V.
It is the second threshold of VCC. If Vref is smaller than 3.7 V,
the startup circuit will turn on when VCC reaches a
temperature dependent value VT ranging between 3.5 V and
6 V. It is the last threshold of VCC. This temperature
dependent threshold is lower when temperature is higher so
that it takes a longer time to restore the VCC. It is a protection
feature, which allows more dead time for cooling in high
temperature condition.
There is an UVLO in the Vref regulator block. When VCC
falls below typical 8.1 V in abnormal situation, the Vref
regulator block stops. Vref and VCC collapses due to power
consumption of the circuitry. When Vref collapses to below
3.7 V, the device cannot provide the Drive output and makes
a dead time. This dead time is designed for minimal power
transfer in the abnormal conditions. The dead time ends
when VCC reaches 15 V after reaching the UVLO limit VT
(3.5 to 6 V). Reaching VT enables the startup circuit block,
charging up the VCC capacitor again. When VCC reaches
15 V again, the Vref regulator block turns on and allows the
output to work again.
It is recommended to put a 0.1 uF capacitor on Vref pin for
stability of the voltage buffer. The VCC capacitor is
relatively larger than this 0.1 uF capacitor, making a longer
VCC charging time from VT to 15 V and a longer dead time
in the abnormal or fault conditions.
Zero Current Detect
To
achieve
critical
conduction
mode,
MOSFET
conduction is always initiated by sensing a zero current
signal from the Zero Current Detect (ZCD) pin. The ZCD
pin indirectly monitors the inductor current by sensing the
auxiliary winding voltage. When the voltage falls below a
threshold of 1.0V, the comparator resets the RS latch to turn
the MOSFET on. There is 200 mV of hysteresis built into the
comparator for noise immunity and to prevent false tripping.
There are 10 V and 0.7 V clamps in the ZCD pin for
protection. An external resistor is recommended to limit the
input current to 2 mA to protect the clamps.
Watchdog Timer
A watchdog timer block is added to the device to start or
restart the Drive output when something goes wrong in the
ZCD. When the inductor current reaches zero for longer than
approximate 410 ms, the timer reset the RS latch and that
turns the MOSFET on.


Số phần tương tự - MC33364

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33364 ONSEMI-MC33364 Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
MC33364 ONSEMI-MC33364 Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364D ONSEMI-MC33364D Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
MC33364D1 ONSEMI-MC33364D1 Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
More results

Mô tả tương tự - MC33364

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Guangdong Kexin Industr...
MC33364 KEXIN-MC33364 Datasheet
298Kb / 4P
   Critical Conduction GreenLine SMPS Controller
logo
ON Semiconductor
MC33364 ONSEMI-MC33364 Datasheet
170Kb / 16P
   Critical Conduction GreenLine SMPS Controller
November, 2010 -- Rev. 18
MC33364 ONSEMI-MC33364 Datasheet
319Kb / 16P
   Critical Conduction GreenLinet SMPS Controller
November, 2010 -- Rev. 18
logo
Fairchild Semiconductor
AN-6961 FAIRCHILD-AN-6961 Datasheet
434Kb / 8P
   Critical Conduction Mode PFC Controller
FAN7930C FAIRCHILD-FAN7930C Datasheet
916Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7930B FAIRCHILD-FAN7930B Datasheet
944Kb / 22P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529 FAIRCHILD-FAN7529_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7530 FAIRCHILD-FAN7530_07 Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
logo
ON Semiconductor
FAN7930B ONSEMI-FAN7930B Datasheet
1Mb / 22P
   Critical Conduction Mode PFC Controller
September-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com