công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33275D-5.0G bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC33275D-5.0G bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 15 page © Semiconductor Components Industries, LLC, 2005 December, 2005 − Rev. 15 1 Publication Order Number: MC33275/D MC33275, NCV33275 300 mA, Low Dropout Voltage Regulator The MC33275 series are micropower low dropout voltage regulators available in a wide variety of output voltages as well as packages, SOT−223, SOP−8, DPAK, and DFN 4x4 surface mount packages. These devices feature a very low quiescent current and are capable of supplying output currents up to 300 mA. Internal current and thermal limiting protection are provided by the presence of a short circuit at the output and an internal thermal shutdown circuit. Due to the low input−to−output voltage differential and bias current specifications, these devices are ideally suited for battery powered computer, consumer, and industrial equipment where an extension of useful battery life is desirable. Features • Low Input−to−Output Voltage Differential of 25 mV at IO = 10 mA, and 260 mV at IO = 300 mA • Extremely Tight Line and Load Regulation • Stable with Output Capacitance of only 0.33 mF for 2.5 V Output Voltage • Internal Current and Thermal Limiting • NCV Prefix for Automotive and Other Applications Requiring Site and Control Changes • Pb−Free Packages are Available Applications • Battery Powered Consumer Products • Hand−Held Instruments • Camcorders and Cameras Figure 1. Simplified Block Diagram Vin Thermal & Anti−sat Protection 54 K Rint This device contains 41 active transistors 1.23 V V. Ref. Vout GND LOW DROPOUT MICROPOWER VOLTAGE REGULATOR SOIC−8 D SUFFIX CASE 751 SOT−223 ST SUFFIX CASE 318E 4 1 ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet. xx = Voltage Version A = Assembly Location L = Wafer Lot Y = Year W, WW = Work Week G or G = Pb−Free Device (Note: Microdot may be in either location) http://onsemi.com 1 AYW 275xx G G MARKING DIAGRAMS 3 1 3 4 DPAK−3 DT SUFFIX CASE 369A 1 275xxG ALYWW 1 8 DFN−8, 4x4 MN SUFFIX CASE 488AF 275xx ALYW G G 1 1 275xx ALYW G 1 8 |
Số phần tương tự - MC33275D-5.0G |
|
Mô tả tương tự - MC33275D-5.0G |