công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33364D2R2G bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
MC33364D2R2G bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
3 / 16 page MC33364 http://onsemi.com 3 Figure 3. Timing Diagram in Fault Condition 0V 5V 15V VT (3.5 to 6V) 8.1V Maximum drain current is limited to 1.15V / Rsense 0A Startup circuit is charging the VCC capacitor Vref regulator turns on when VCC reaches 15V Switching starts when Vref reaches 5V Switching stops when Vref falls below 3.7V Reference Voltage, Vref Drain Current Vref falls faster than VCC since Vref capacitor is much smaller than VCC capacitor Supply Voltage, VCC Vref regulator turns off when VCC falls below 8.1 V Startup circuit turns off when VCC is 15V Startup circuit turns on when VCC reaches the threshold VT Figure 4. Timing Diagram in Normal Condition Maximum drain current is limited to 1.15V/ Rsense Drain Current Secondary Side Diode Current Criticial Mode Discontinous Conduction Mode LEB Vin Drain Voltage toff(min) Output Current Voltage at ZCD ZCD is ignored during minimum off−time limit 0.7V 10V No load |
Số phần tương tự - MC33364D2R2G |
|
Mô tả tương tự - MC33364D2R2G |