công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33275DT-3.3RK bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC33275DT-3.3RK
Giải thích chi tiết về linh kiện  300 mA, Low Dropout Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33275DT-3.3RK bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC33275DT-3.3RK Datasheet HTML 1Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 2Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 3Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 4Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 5Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 6Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 7Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 8Page - ON Semiconductor MC33275DT-3.3RK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MC33275, NCV33275
http://onsemi.com
4
DEFINITIONS
Load Regulation − The change in output voltage for a
change in load current at constant chip temperature.
Dropout Voltage − The input/output differential at which
the regulator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100 mV below its nominal value (which is
measured at 1.0 V differential), dropout voltage is affected
by junction temperature, load current and minimum input
supply requirements.
Output Noise Voltage − The RMS AC voltage at the
output with a constant load and no input ripple, measured
over a specified frequency range.
Maximum Power Dissipation − The maximum total
dissipation for which the regulator will operate within
specifications.
Quiescent Current − Current which is used to operate the
regulator chip and is not delivered to the load.
Line Regulation − The change in output voltage for a
change in the input voltage. The measurement is made under
conditions of low dissipation or by using pulse techniques
such that the average chip temperature is not significantly
affected.
Maximum Package Power Dissipation − The maximum
package power dissipation is the power dissipation level at
which the junction temperature reaches its maximum value
i.e. 150
°C. The junction temperature is rising while the
difference between the input power (VCC X ICC) and the
output power (Vout X Iout) is increasing.
Depending on ambient temperature, it is possible to
calculate the maximum power dissipation and so the
maximum current as following:
Pd
+
T
J
–T
A
RqJA
The maximum operating junction temperature TJ is
specified at 150
°C, if TA = 25°C, then PD can be found. By
neglecting the quiescent current, the maximum power
dissipation can be expressed as:
Iout +
P
D
V
CC
–Vout
The thermal resistance of the whole circuit can be
evaluated by deliberately activating the thermal shutdown
of the circuit (by increasing the output current or raising the
input voltage for example).
Then you can calculate the power dissipation by
subtracting the output power from the input power. All
variables are then well known: power dissipation, thermal
shutdown temperature and ambient temperature.
RqJA +
T
J
–T
A
P
D


Số phần tương tự - MC33275DT-3.3RK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33275DT-3.3RK ONSEMI-MC33275DT-3.3RK Datasheet
197Kb / 12P
   LOW DROPOUT MICROPOWER VOLTAGE REGULATOR
March, 2000 ??Rev. 4
More results

Mô tả tương tự - MC33275DT-3.3RK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
   300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com