công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363B bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện MC33363B
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363B bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  MC33363B Datasheet HTML 1Page - ON Semiconductor MC33363B Datasheet HTML 2Page - ON Semiconductor MC33363B Datasheet HTML 3Page - ON Semiconductor MC33363B Datasheet HTML 4Page - ON Semiconductor MC33363B Datasheet HTML 5Page - ON Semiconductor MC33363B Datasheet HTML 6Page - ON Semiconductor MC33363B Datasheet HTML 7Page - ON Semiconductor MC33363B Datasheet HTML 8Page - ON Semiconductor MC33363B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC33363B
http://onsemi.com
2
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Power Switch (Pin 16)
Drain Voltage
Drain Current
VDS
IDS
700
1.0
V
A
Startup Input Voltage (Pin 1, Note 2)
Vin
500
V
Power Supply Voltage (Pin 3)
VCC
40
V
Input Voltage Range
Voltage Feedback Input (Pin 10)
Compensation (Pin 9)
Overvoltage Protection Input (Pin 11)
RT (Pin 6)
CT (Pin 7)
VIR
−1.0 to Vreg
V
Thermal Characteristics
P Suffix, Dual−In−Line Case 648E
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
RqJA
RqJC
80
15
°C/W
DW Suffix, Surface Mount Case 751G
Thermal Resistance, Junction−to−Air
Thermal Resistance, Junction−to−Case
RqJA
RqJC
95
15
Operating Junction Temperature
TJ
−25 to +150
°C
Storage Temperature
Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015.
Machine Model Method 200 V.
2. Maximum power dissipation limits must be observed.
3. Tested junction temperature range for the MC33363B: Tlow = −25°CThigh = +125°C
ELECTRICAL CHARACTERISTICS
(VCC = 20 V, RT = 10 k, CT = 390 pF, CPin 8 = 1.0 mF, for typical values TJ = 25°C,
for min/max values TJ is the operating junction temperature range that applies (Note 3), unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REGULATOR (Pin 8)
Output Voltage (IO = 0 mA, TJ = 25°C)
Vreg
5.5
6.5
7.5
V
Line Regulation (VCC = 20 V to 40 V)
Regline
30
500
mV
Load Regulation (IO = 0 mA to 10 mA)
Regload
44
200
mV
Total Output Variation over Line, Load, and Temperature
Vreg
5.3
8.0
V
OSCILLATOR (Pin 7)
Frequency
CT = 390 pF
TJ = 25°C (VCC = 20 V)
TJ = Tlow to Thigh (VCC = 20 V to 40 V)
CT = 2.0 nF
TJ = 25°C (VCC = 20 V)
TJ = Tlow to Thigh (VCC = 20 V to 40 V)
fOSC
260
255
60
59
285
67.5
310
315
75
76
kHz
Frequency Change with Voltage (VCC = 20 V to 40 V)
DfOSC/DV
0.1
2.0
kHz
ERROR AMPLIFIER (Pins 9, 10)
Voltage Feedback Input Threshold
VFB
2.52
2.6
2.68
V
Line Regulation (VCC = 20 V to 40 V, TJ = 25°C)
Regline
0.6
5.0
mV
Input Bias Current (VFB = 2.6 V, TJ = 0 − 125°C)
IIB
20
500
nA
Open Loop Voltage Gain (TJ = 25°C)
AVOL
70
82
94
dB
Gain Bandwidth Product (f = 100 kHz, TJ = 25°C)
GBW
0.85
1.0
1.15
MHz
Output Voltage Swing
High State (ISource = 100 mA, VFB < 2.0 V)
Low State (ISink = 100 mA, VFB > 3.0 V)
VOH
VOL
4.0
5.3
0.2
0.35
V


Số phần tương tự - MC33363B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33363BDW ONSEMI-MC33363BDW Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33363BDWG ONSEMI-MC33363BDWG Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363BDWR2G ONSEMI-MC33363BDWR2G Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363BP ONSEMI-MC33363BP Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
More results

Mô tả tương tự - MC33363B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com