công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33363B bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC33363B
Giải thích chi tiết về linh kiện  High Voltage Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33363B bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC33363B Datasheet HTML 1Page - ON Semiconductor MC33363B Datasheet HTML 2Page - ON Semiconductor MC33363B Datasheet HTML 3Page - ON Semiconductor MC33363B Datasheet HTML 4Page - ON Semiconductor MC33363B Datasheet HTML 5Page - ON Semiconductor MC33363B Datasheet HTML 6Page - ON Semiconductor MC33363B Datasheet HTML 7Page - ON Semiconductor MC33363B Datasheet HTML 8Page - ON Semiconductor MC33363B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 6
1
Publication Order Number:
MC33363B/D
MC33363B
High Voltage Switching
Regulator
The MC33363B is a monolithic high voltage switching regulator
that is specifically designed to operate from a rectified 240 Vac line
source. This integrated circuit features an on−chip 700 V/1.0 A
SENSEFET
t power switch, 500 V active off−line startup FET, duty
cycle controlled oscillator, current limiting comparator with a
programmable threshold and leading edge blanking, latching pulse
width modulator for double pulse suppression, high gain error
amplifier, and a trimmed internal bandgap reference. Protective
features include cycle−by−cycle current limiting, input undervoltage
lockout with hysteresis, overvoltage protection, and thermal
shutdown. This device is available in a 16−lead dual−in−line and wide
body surface mount packages.
Features
On−Chip 700 V, 1.0 A SENSEFET Power Switch
Rectified 240 Vac Line Source Operation
On−Chip 500 V Active Off−Line Startup FET
Latching PWM for Double Pulse Suppression
Cycle−By−Cycle Current Limiting
Input Undervoltage Lockout with Hysteresis
Over−Voltage Protection
Trimmed Internal Bandgap Reference
Internal Thermal Shutdown
Pb−Free Packages are Available*
Figure 1. Simplified Application
Startup
Reg
Osc
Thermal
LEB
PWM
DC Output
Startup Input
GND
4, 5, 12, 13
Mirror
7
AC Input
Regulator
Output
6
8
CT
RT
PWM Latch
EA
Ipk
VCC
3
11
16
9
10
1
Compensation
Voltage
Feedback
Input
Power Switch
Drain
Overvoltage
Protection
Input
Driver
OVP
UVLO
S
R
Q
*For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
MC33363BDW
SO−16WB
47 Units/Rail
MC33363BDWR2
SO−16WB 1000 Tape & Reel
MARKING
DIAGRAMS
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
G
= Pb−Free Package
1
16
SO−16WB
DW SUFFIX
CASE 751N
116
13
12
11
10
9
3
4
5
6
7
8
(Top View)
Startup Input
VCC
GND
RT
CT
Regulator Output
Power Switch
Drain
GND
Compensation
PIN CONNECTIONS
Overvoltage
Protection Input
Voltage Feedback
Input
MC33363BDW
AWLYYWWG
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MC33363BDWG
SO−16WB
(Pb−Free)
47 Units/Rail
MC33363BDWR2G
SO−16WB
(Pb−Free)
1000 Tape & Reel


Số phần tương tự - MC33363B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33363BDW ONSEMI-MC33363BDW Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
MC33363BDWG ONSEMI-MC33363BDWG Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363BDWR2G ONSEMI-MC33363BDWR2G Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33363BP ONSEMI-MC33363BP Datasheet
250Kb / 12P
   HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
1999 REV 1
More results

Mô tả tương tự - MC33363B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
   High Voltage Switching Regulator
February, 2015 ??Rev. 11
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
   High Voltage Switching Regulator
July, 2006??Rev. 4
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
   High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
   High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
   High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33363A ONSEMI-MC33363A_05 Datasheet
258Kb / 14P
   High Voltage Switching Regulator
November, 2005 ??Rev. 5
MC33363 ONSEMI-MC33363_06 Datasheet
489Kb / 14P
   High Voltage Switching Regulator
July, 2006 ??Rev. 7
MC33363A ONSEMI-MC33363A_15 Datasheet
262Kb / 13P
   High Voltage Switching Regulator
February, 2015 ??Rev. 10
logo
Toshiba Semiconductor
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
   Switching Regulator and High-Voltage Switching
2SC5684 TOSHIBA-2SC5684_04 Datasheet
123Kb / 3P
   Switching Regulator and High-Voltage Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com